Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLVH431AIDBVR Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TLVH431AIDBVR Datasheet PDF - Texas Instruments
Part # TLVH431AIDBVR
Download  TLVH431AIDBVR Download
File Size   2093.57 Kbytes
Page   54 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TLVH431, TLVH432 Low-Voltage Adjustable Precision Shunt Regulators

TLVH431AIDBVR Datasheet (PDF)

Go To PDF Page Download Datasheet
TLVH431AIDBVR Datasheet PDF - Texas Instruments

Part # TLVH431AIDBVR
Download  TLVH431AIDBVR Click to download

File Size   2093.57 Kbytes
Page   54 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TLVH431, TLVH432 Low-Voltage Adjustable Precision Shunt Regulators

TLVH431AIDBVR Datasheet (HTML) - Texas Instruments


TLVH431AIDBVR Product details

1 Features
• Low-voltage operation: down to 1.24V
• Reference voltage tolerances at 25°C
– 0.5% for B grade
– 1% for A grade
– 1.5% for standard grade
• Adjustable output voltage, VO = VREF to 18V
• Wide operating cathode current range:
100μA to 70mA
• 0.25Ω typical output impedance
• –40°C to +125°C specifications
• TLVH432 provides alternative pinouts for
SOT-23-3 and SOT-89 packages
• Ultra-small SC-70 package offers 40%
smaller footprint than SOT-23-3

2 Applications
• Adjustable voltage reference for data Converters
• Secondary side regulation in flyback SMPSs
• Zener replacement with low leakage current
• Voltage monitoring for power rails
• Comparator with integrated reference

3 Description
The TLVH431 and TLVH432 devices are lowvoltage
3-terminal adjustable voltage references, with
specified thermal stability over applicable industrial
and commercial temperature ranges. Output voltage
can be set to any value between VREF (1.24V)
and 18V with two external resistors (see Figure
6-2). These devices operate from a lower voltage
(1.24V) than the widely used TL431 and TL1431
shunt-regulator references.
When used with an optocoupler, the TLVH431
and TLVH432 devices are an excellent choice for
voltage references in isolated feedback circuits for
3V to 3.3V switching-mode power supplies. The
devices have a typical output impedance of 0.25Ω.
Active output circuitry provides a very sharp turn-on
characteristic, making the TLVH431 and TLVH432
devices excellent replacements for low-voltage Zener
diodes in many applications, including on-board
regulation and adjustable power supplies.
The TLVH432 device is identical to the TLVH431
device, but is offered with different pinouts for the
3-pin SOT-23 and SOT-89 packages.




Similar Part No. - TLVH431AIDBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLVH431AIDBVR TI-TLVH431AIDBVR Datasheet
570Kb / 37P
LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
TLVH431AIDBVR TI-TLVH431AIDBVR Datasheet
673Kb / 38P
LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
TLVH431AIDBVR TI1-TLVH431AIDBVR Datasheet
1Mb / 53P
LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
TLVH431AIDBVR TI1-TLVH431AIDBVR Datasheet
1Mb / 50P
Low-Voltage Adjustable Precision Shunt Regulators
TLVH431AIDBVRE4 TI-TLVH431AIDBVRE4 Datasheet
570Kb / 37P
LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
More results


Similar Description - TLVH431AIDBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV431 TI-TLV431 Datasheet
232Kb / 34P
LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Microsemi Corporation
LX432 MICROSEMI-LX432 Datasheet
155Kb / 8P
LOW VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Texas Instruments
TLV431 TI-TLV431_06 Datasheet
787Kb / 31P
LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Linear Dimensions Semic...
LND431 LINEAR_DIMENSIONS-LND431 Datasheet
128Kb / 6P
Low-voltage Adjustable Precision Shunt Regulators
logo
Texas Instruments
TLV431A-Q1 TI1-TLV431A-Q1 Datasheet
489Kb / 21P
LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
TLVH431A-Q1 TI1-TLVH431A-Q1 Datasheet
658Kb / 25P
LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
TLVH431AIDBVRG4 TI1-TLVH431AIDBVRG4 Datasheet
1Mb / 53P
LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
logo
SYNC POWER Crop.
SP432 SYNC-POWER-SP432_13 Datasheet
394Kb / 15P
Low Voltage Adjustable Precision Shunt Regulators
logo
Texas Instruments
TLVH431 TI1-TLVH431_15 Datasheet
1Mb / 50P
Low-Voltage Adjustable Precision Shunt Regulators
TLVH431A-Q1 TI1-TLVH431A-Q1_15 Datasheet
1,003Kb / 25P
LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com