Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AH3522 Datasheet (PDF) - Diodes Incorporated

AH3522 Datasheet PDF - Diodes Incorporated
Part # AH3522
Download  AH3522 Download
File Size   910.62 Kbytes
Page   13 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description HIGH-VOLTAGE HIGH-SENSITIVITY HALL-EFFECT OMNIPOLAR SWITCH

AH3522 Datasheet (PDF)

Go To PDF Page Download Datasheet
AH3522 Datasheet PDF - Diodes Incorporated

Part # AH3522
Download  AH3522 Click to download

File Size   910.62 Kbytes
Page   13 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description HIGH-VOLTAGE HIGH-SENSITIVITY HALL-EFFECT OMNIPOLAR SWITCH

AH3522 Datasheet (HTML) - Diodes Incorporated


AH3522 Product details

Features
 Omnipolar Operation
 High Sensitivity: BOP and BRP of ±20G to ±40G and ±10G to
±25G Typical
 Single Open-Drain Output with Overcurrent Limit
 Resistant to Physical Stress
 3.0V to 28V Operating Voltage Range
 Chopper Stabilized Design Provides
 Superior Temperature Stability
 Minimal Switch Point Drift
 Enhanced Immunity to Stress
 Good RF Noise Immunity
 Reverse Blocking Diode
 Zener Clamp on Supply and Output Pins
 -40°C to +125°C Operating Temperature
 High ESD HBM: 8kV
 Industry Standard SOT23 (Type S), SIP-3 (Ammo Pack), and
SIP-3 (Bulk Pack) Packages
 Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
 Halogen and Antimony Free. “Green” Device (Note 3)
 For automotive applications requiring specific change
control (i.e. parts qualified to AEC-Q100/101/104/200, PPAP
capable, and manufactured in IATF 16949 certified facilities),
please contact us or your local Diodes representative.
https://www.diodes.com/quality/product-definitions/

Applications
 Position and proximity sensing in home appliances, building
automation, office equipment and Industrial applications
 Open and close detection
 Position detection
 Level detection
 Flow meters
 Contactless switches




Similar Part No. - AH3522

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH3524A DIODES-AH3524A Datasheet
909Kb / 12P
HIGH-VOLTAGE HIGH-SENSITIVITY HALL-EFFECT OMNIPOLAR SWITCH WITH INTERNAL PULLUP RESISTOR
Rev. 1 - 2 November 2023
AH3524A-P-A DIODES-AH3524A-P-A Datasheet
909Kb / 12P
HIGH-VOLTAGE HIGH-SENSITIVITY HALL-EFFECT OMNIPOLAR SWITCH WITH INTERNAL PULLUP RESISTOR
Rev. 1 - 2 November 2023
AH3524A-P-B DIODES-AH3524A-P-B Datasheet
909Kb / 12P
HIGH-VOLTAGE HIGH-SENSITIVITY HALL-EFFECT OMNIPOLAR SWITCH WITH INTERNAL PULLUP RESISTOR
Rev. 1 - 2 November 2023
AH3524A-SA-7 DIODES-AH3524A-SA-7 Datasheet
909Kb / 12P
HIGH-VOLTAGE HIGH-SENSITIVITY HALL-EFFECT OMNIPOLAR SWITCH WITH INTERNAL PULLUP RESISTOR
Rev. 1 - 2 November 2023
More results


Similar Description - AH3522

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AH9248 BCDSEMI-AH9248 Datasheet
111Kb / 2P
High Sensitivity Micropower Omnipolar Hall-Effect Switch
AH9249 BCDSEMI-AH9249_11 Datasheet
333Kb / 14P
High Sensitivity Micropower Omnipolar Hall-Effect Switch
logo
Diodes Incorporated
AH9249 DIODES-AH9249 Datasheet
333Kb / 14P
High Sensitivity Micropower Omnipolar Hall-Effect Switch
Rev 1
AH1806 DIODES-AH1806_18 Datasheet
564Kb / 12P
HIGH SENSITIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
Rev 8
AH1812 DIODES-AH1812_15 Datasheet
482Kb / 8P
HIGH SENSITIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
Rev 2
AH3562Q DIODES-AH3562Q Datasheet
669Kb / 14P
HIGH VOLTAGE HIGH SENSITIVITY AUTOMOTIVE HALL EFFECT OMNIPOLAR SWITCH
Rev erse
AH3564Q DIODES-AH3564Q Datasheet
651Kb / 14P
HIGH VOLTAGE HIGH SENSITIVITY AUTOMOTIVE HALL EFFECT OMNIPOLAR SWITCH
Rev erse
AH3572 DIODES-AH3572 Datasheet
862Kb / 14P
HIGH VOLTAGE HIGH SENSITIVITY HALL EFFECT OMNIPOLAR SWITCH
Rev erse
AH3574 DIODES-AH3574 Datasheet
888Kb / 13P
HIGH VOLTAGE HIGH SENSITIVITY HALL EFFECT OMNIPOLAR SWITCH
Rev erse
AH3582 DIODES-AH3582 Datasheet
723Kb / 13P
HIGH VOLTAGE HIGH SENSITIVITY HALL EFFECT OMNIPOLAR
Rev erse
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com