Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AH3522 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AH3522
Description  HIGH-VOLTAGE HIGH-SENSITIVITY HALL-EFFECT OMNIPOLAR SWITCH
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH3522 Datasheet(HTML) 4 Page - Diodes Incorporated

  AH3522 Datasheet HTML 1Page - Diodes Incorporated AH3522 Datasheet HTML 2Page - Diodes Incorporated AH3522 Datasheet HTML 3Page - Diodes Incorporated AH3522 Datasheet HTML 4Page - Diodes Incorporated AH3522 Datasheet HTML 5Page - Diodes Incorporated AH3522 Datasheet HTML 6Page - Diodes Incorporated AH3522 Datasheet HTML 7Page - Diodes Incorporated AH3522 Datasheet HTML 8Page - Diodes Incorporated AH3522 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
AH3522/AH3524
Document number: DS46148 Rev.1 - 2
4 of 13
www.diodes.com
November 2023
© 2023 Copyright Diodes Incorporated. All Rights Reserved.
AH3522/AH3524
Magnetic Characteristics (Notes 11 & 12) (TA = -40°C to +125°C, VDD = 3.0V to 28V, unless otherwise specified)
Part Number
Symbol
Parameter
Min
Typ
Max
Unit
Output Type
AH3522
BOPS
(South Pole to the Part Marking Side)
Operation Point
8
20
30
Gauss
Open-Drain
BOPN
(North Pole to the Part Marking Side)
-30
-20
-8
BRPS
(South Pole to the Part Marking Side)
Release Point
2
10
25
BRPS
(North Pole to the Part Marking Side)
-25
-10
-2
BHY (|BOPX| - |BRPX|)
Hysteresis (Note 13)
2
10
19
AH3524
BOPS
(South Pole to the Part Marking Side)
Operation Point
20
40
60
Gauss
Open-Drain
BOPN
(North Pole to the Part Marking Side)
-60
-40
-20
BRPS
(South Pole to the Part Marking Side)
Release Point
10
25
45
BRPS
(North Pole to the Part Marking Side)
-45
-25
-10
BHY (|BOPX| - |BRPX|)
Hysteresis (Note 13)
9
15
22
Notes:
11. When power is initially turned on, VDD must be within its correct operating range (3.0V to 28V) to guarantee the output sampling. The output state is
valid after the startup time of 10µs typical from the operating voltage reaching 3V.
12. Typical values are defined at TA = +25C, VDD = 12V. Maximum and minimum values over the operating temperature range is not tested in production
but guaranteed by design, process control, and characterization.
13. Maximum and minimum hysteresis is guaranteed by design, process control, and characterization.
BHY
VDD
BOPN
BRPN
OUTPUT
Turn on
Turn
off
( Off-State )
BRPS
BOPS
0
( Magnetic Flux Density B )
Turn
off
Turn
on
( Off-State )
( On-State )
VSAT
VOUT_ON
BHY
VSAT
=
Part mark
N
S
SOT23
(Type S)
Part mark
S
SIP-3 (Ammo Pack)
SIP-3 (Bulk Pack)
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com