Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB11697V Datasheet (PDF) - Sanyo Semicon Device

LB11697V Datasheet PDF - Sanyo Semicon Device
Part # LB11697V
Download  LB11697V Download
File Size   344.73 Kbytes
Page   14 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Monolithic Digital IC Brushless Motor Driver IC

LB11697V Datasheet (PDF)

Go To PDF Page Download Datasheet
LB11697V Datasheet PDF - Sanyo Semicon Device

Part # LB11697V
Download  LB11697V Click to download

File Size   344.73 Kbytes
Page   14 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Monolithic Digital IC Brushless Motor Driver IC

LB11697V Datasheet (HTML) - Sanyo Semicon Device


LB11697V Product details

Overview
The LB11697V is a direct PWM drive predriver IC designed for three-phase power brushless motors. A motor driver circuit with the desired output power (voltage and current) can be implemented by adding discrete transistors in the output circuits. Furthermore, the LB11697V provides a full complement of protection circuits allowing it to easily implement high-reliability drive circuits. Note that the LB11697V is a modified version of the LB11696V in which the output logic has been optimized for 12 V system motors. This allows the number of external components to be reduced in application circuits.

Features
• Three-phase bipolar drive
• Direct PWM drive (controlled either by control voltage or PWM variable duty pulse input)
• Built-in forward/reverse switching circuit
• Start/stop mode switching circuit (stop mode power saving function)
• Built-in input amplifier
• 5 V regulator output (VREG pin)
• Current limiter circuit (Supports 0.25 V (typical) reference voltage sensing based high-precision detection)
• Undervoltage protection circuit (The operating voltage can be set with a zener diode)
• Automatic recovery type constraint protection circuit with protection operating state discrimination output (RD pin)
• Four types of Hall signal pulse outputs
• Supports thermistor based thermal protection of the output transistors




Similar Part No. - LB11697V

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LB11697V ONSEMI-LB11697V Datasheet
179Kb / 14P
Direct PWM Drive Brushless Motor Predriver IC
July, 2013
More results


Similar Description - LB11697V

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1935T SANYO-LB1935T Datasheet
485Kb / 6P
Monolithic Digital IC Stepping Motor Driver IC
LB1800CL SANYO-LB1800CL Datasheet
80Kb / 8P
Monolithic Digital IC Stepping Motor Driver IC
LB1801CL SANYO-LB1801CL Datasheet
89Kb / 9P
Monolithic Digital IC Stepping Motor Driver IC
LB11620T SANYO-LB11620T Datasheet
133Kb / 11P
Monolithic Digital IC Brushless Motor Driver
LB11681H SANYO-LB11681H Datasheet
109Kb / 11P
Monolithic Digital IC PWM Three-phase Brushless Motor Driver
LB11691 SANYO-LB11691 Datasheet
205Kb / 21P
Monolithic digital IC Pre-Driver IC for Brushless Motor Drive in Electric Bicycles
LB11691H SANYO-LB11691H Datasheet
206Kb / 21P
Monolithic digital IC Pre-Driver IC for Brushless Motor Drive in Electric Bicycles
LB11921T SANYO-LB11921T Datasheet
178Kb / 18P
Monolithic Digital IC Three-Phase Brushless Motor Driver
LB11620GP SANYO-LB11620GP Datasheet
204Kb / 13P
Monolithic Digital IC Brushless Motor Driver
LB1909MC SANYO-LB1909MC Datasheet
95Kb / 4P
Monolithic Digital IC Stepping Motor Driver IC
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com