Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYRF69103 Datasheet (PDF) - Cypress Semiconductor

CYRF69103 Datasheet PDF - Cypress Semiconductor
Part # CYRF69103
Download  CYRF69103 Download
File Size   2418.34 Kbytes
Page   73 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description Programmable Radio on Chip Low Power

CYRF69103 Datasheet (PDF)

Go To PDF Page Download Datasheet
CYRF69103 Datasheet PDF - Cypress Semiconductor

Part # CYRF69103
Download  CYRF69103 Click to download

File Size   2418.34 Kbytes
Page   73 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description Programmable Radio on Chip Low Power

CYRF69103 Datasheet (HTML) - Cypress Semiconductor


CYRF69103 Product details

Functional Overview
The CYRF69103 is a complete Radio System-on-Chip device, providing a complete RF system solution with a single device and a few discrete components. The CYRF69103 is designed to implement low cost wireless systems operating in the worldwide 2.4 GHz Industrial, Scientific, and Medical (ISM) frequency band (2.400 GHz to 2.4835 GHz).

PRoC™ LP Features
■ Single Device, Two Functions
   ❐ 8-bit Flash based MCU function and 2.4 GHz radio transceiver function in a single device.
■ Flash Based Microcontroller Function
   ❐ M8C based 8-bit CPU, optimized for Human Interface Devices (HID) applications
   ❐ 256 Bytes of SRAM
   ❐ 8 Kbytes of Flash memory with EEPROM emulation
   ❐ In-System reprogrammable
   ❐ CPU speed up to 12 MHz
   ❐ 16-bit free running timer
   ❐ Low power wakeup timer
   ❐ 12-bit Programmable Interval Timer with interrupts
   ❐ Watchdog timer
■ Industry leading 2.4 GHz Radio Transceiver Function
   ❐ Operates in the unlicensed worldwide Industrial, Scientific, and Medical (ISM) band (2.4 GHz to 2.483 GHz)
   ❐ DSSS data rates of up to 250 Kbps
   ❐ GFSK data rate of 1 Mbps
   ❐ –97 dBm receive sensitivity
   ❐ Programmable output power up to +4 dBm
   ❐ Auto Transaction Sequencer (ATS)
   ❐ Framing CRC and Auto ACK
   ❐ Received Signal Strength Indication (RSSI)
   ❐ Automatic Gain Control (AGC)
■ Component Reduction
   ❐ Integrated 1.8 V boost converter
   ❐ GPIOs that require no external components
   ❐ Operates off a single crystal
■ Flexible I/O
   ❐ 2 mA source current on all GPIO pins. Configurable 8 mA or 50 mA/pin current sink on designated pins
   ❐ Each GPIO pin supports high impedance inputs, configurable pull up, open drain output, CMOS/TTL inputs, and CMOS output
   ❐ Maskable interrupts on all I/O pins
■ Operating Voltage from 1.8 V to 3.6 V DC
■ Operating Temperature from 0 to 70 °C
■ Pb-free 40-pin QFN Package
■ Advanced Development Tools based on Cypress’s PSoC® Tools

Applications
The CYRF69103 PRoC LP is targeted for the following applications:
■ Wireless HID devices:
   ❐ Mice
   ❐ Remote Controls
   ❐ Presenter tools
   ❐ Barcode scanners
   ❐ POS terminal
■ General purpose wireless applications:
   ❐ Industrial applications
   ❐ Home automation
   ❐ White goods
   ❐ Consumer electronics
   ❐ Toys




Similar Part No. - CYRF69103

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYRF69103 CYPRESS-CYRF69103 Datasheet
1Mb / 65P
Programmable Radio on Chip Low Power
CYRF69103 CYPRESS-CYRF69103 Datasheet
1Mb / 68P
Programmable Radio on Chip Low Power
CYRF69103 CYPRESS-CYRF69103 Datasheet
1Mb / 68P
Programmable Radio on Chip Low Power 16-bit free running timer
CYRF69103-40LFXC CYPRESS-CYRF69103-40LFXC Datasheet
1Mb / 68P
Programmable Radio on Chip Low Power
CYRF69103-40LFXC CYPRESS-CYRF69103-40LFXC Datasheet
1Mb / 68P
Programmable Radio on Chip Low Power 16-bit free running timer
More results


Similar Description - CYRF69103

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYRF69213 CYPRESS-CYRF69213 Datasheet
1Mb / 85P
Programmable Radio on Chip Low Power
CYRF69103 CYPRESS-CYRF69103_08 Datasheet
1Mb / 65P
Programmable Radio on Chip Low Power
CYRF69213 CYPRESS-CYRF69213_08 Datasheet
1Mb / 76P
Programmable Radio on Chip Low Power
CYRF69103 CYPRESS-CYRF69103_10 Datasheet
1Mb / 68P
Programmable Radio on Chip Low Power
CYWUSB6953 CYPRESS-CYWUSB6953_10 Datasheet
1Mb / 68P
Programmable Radio on Chip Low Power
CYRF69103 CYPRESS-CYRF69103_12 Datasheet
1Mb / 71P
Programmable Radio on Chip Low Power
CYRF69213 CYPRESS-CYRF69213_12 Datasheet
843Kb / 85P
Programmable Radio on Chip Low Power
CYRF69103 CYPRESS-CYRF69103_13 Datasheet
1Mb / 72P
Programmable Radio on Chip Low Power
CYRF69213 CYPRESS-CYRF69213_13 Datasheet
845Kb / 86P
Programmable Radio on Chip Low Power
CYRF69103A-40LFXC CYPRESS-CYRF69103A-40LFXC Datasheet
1Mb / 68P
Programmable Radio on Chip Low Power
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com