Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYRF69213 Datasheet (PDF) - Cypress Semiconductor

CYRF69213 Datasheet PDF - Cypress Semiconductor
Part # CYRF69213
Download  CYRF69213 Download
File Size   1772.6 Kbytes
Page   85 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description Programmable Radio on Chip Low Power

CYRF69213 Datasheet (PDF)

Go To PDF Page Download Datasheet
CYRF69213 Datasheet PDF - Cypress Semiconductor

Part # CYRF69213
Download  CYRF69213 Click to download

File Size   1772.6 Kbytes
Page   85 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description Programmable Radio on Chip Low Power

CYRF69213 Datasheet (HTML) - Cypress Semiconductor


CYRF69213 Product details

Functional Overview
The CYRF69213 is a complete Radio System-on-Chip device, providing a complete RF system solution with a single device and a few discrete components. The CYRF69213 is designed to implement low cost wireless systems operating in the worldwide 2.4 GHz Industrial, Scientific, and Medical (ISM) frequency band (2.400 GHz–2.4835 GHz).

Programmable Radio on Chip Low Power
PRoC™ LP Features
■ USB 2.0-USB-IF certified (TID # 40000552)
■ Single Device, Two Functions
   ❐ 8-bit, Flash based USB peripheral MCU function and 2.4 GHz radio transceiver function in a single device
■ Flash Based Microcontroller Function
   ❐ M8C based 8-bit CPU, optimized for Human Interface Devices (HID) applications
   ❐ 256 bytes of SRAM
   ❐ 8 Kbytes of Flash memory with EEPROM emulation
   ❐ In-System reprogrammable through D+/D– pins
   ❐ 16-bit free running timer
   ❐ Low power wake up timer
   ❐ 12-bit Programmable Interval Timer with interrupts
   ❐ Watchdog timer
■ Industry-Leading 2.4 GHz Radio Transceiver Function
   ❐ Operates in the unlicensed worldwide Industrial, Scientific and Medical (ISM) band (2.4 GHz to 2.483 GHz)
   ❐ DSSS data rates of up to 250 Kbps
   ❐ GFSK data rate of 1 Mbps
   ❐ –97 dBm receive sensitivity
   ❐ Programmable output power of up to +4 dBm
   ❐ Auto Transaction Sequencer (ATS)
   ❐ Framing CRC and Auto ACK
   ❐ Received Signal Strength Indication (RSSI)
   ❐ Automatic Gain Control (AGC)
■ Component Reduction
   ❐ Integrated 3.3 V regulator
   ❐ Integrated pull up on D–
   ❐ GPIOs that require no external components
   ❐ Operates off a single crystal
■ Flexible I/O
   ❐ 2 mA source current on all GPIO pins. Configurable 8 mA or 50 mA/pin current sink on designated pins
   ❐ Each GPIO pin supports high impedance inputs, configurable pull up, open-drain output, CMOS/TTL inputs and CMOS output
   ❐ Maskable interrupts on all I/O pins
■ USB Specification Compliance
   ❐ Conforms to USB Specification Version 2.0
   ❐ Conforms to USB HID Specification Version 1.1
   ❐ Supports one Low Speed USB device address
   ❐ Supports one control endpoint and two data end points
   ❐ Integrated USB Transceiver
■ Operating Voltage from 4.0 V to 5.5 V DC
■ Operating Temperature from 0 to 70C
■ Pb-free 40-pin QFN Package
■ Advanced Development Tools Based on Cypress’s PSoC® Tools

Applications
The CYRF69213 PRoC LP Low Speed is targeted for the following applications:
■ USB Bridge for Human Interface Devices (HID)
   ❐ Wireless mice
   ❐ Wireless keyboards
   ❐ Remote controls
   ❐ Gaming applications
■ USB Bridge for General Purpose Applications
   ❐ Consumer electronics
   ❐ Industrial applications
   ❐ White goods
   ❐ Home automation
   ❐ Personal health




Similar Part No. - CYRF69213

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYRF69213 CYPRESS-CYRF69213 Datasheet
1Mb / 76P
Programmable Radio on Chip Low Power
CYRF69213-40LFXC CYPRESS-CYRF69213-40LFXC Datasheet
843Kb / 85P
Programmable Radio on Chip Low Power
CYRF69213-40LFXC CYPRESS-CYRF69213-40LFXC Datasheet
845Kb / 86P
Programmable Radio on Chip Low Power
CYRF69213-40LTXC CYPRESS-CYRF69213-40LTXC Datasheet
843Kb / 85P
Programmable Radio on Chip Low Power
CYRF69213-40LTXC CYPRESS-CYRF69213-40LTXC Datasheet
845Kb / 86P
Programmable Radio on Chip Low Power
More results


Similar Description - CYRF69213

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYRF69103 CYPRESS-CYRF69103 Datasheet
2Mb / 73P
Programmable Radio on Chip Low Power
CYRF69103 CYPRESS-CYRF69103_08 Datasheet
1Mb / 65P
Programmable Radio on Chip Low Power
CYRF69213 CYPRESS-CYRF69213_08 Datasheet
1Mb / 76P
Programmable Radio on Chip Low Power
CYRF69103 CYPRESS-CYRF69103_10 Datasheet
1Mb / 68P
Programmable Radio on Chip Low Power
CYWUSB6953 CYPRESS-CYWUSB6953_10 Datasheet
1Mb / 68P
Programmable Radio on Chip Low Power
CYRF69103 CYPRESS-CYRF69103_12 Datasheet
1Mb / 71P
Programmable Radio on Chip Low Power
CYRF69213 CYPRESS-CYRF69213_12 Datasheet
843Kb / 85P
Programmable Radio on Chip Low Power
CYRF69103 CYPRESS-CYRF69103_13 Datasheet
1Mb / 72P
Programmable Radio on Chip Low Power
CYRF69213 CYPRESS-CYRF69213_13 Datasheet
845Kb / 86P
Programmable Radio on Chip Low Power
CYRF69103A-40LFXC CYPRESS-CYRF69103A-40LFXC Datasheet
1Mb / 68P
Programmable Radio on Chip Low Power
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com