Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7766-1 Datasheet (PDF) - Analog Devices

AD7766-1 Datasheet PDF - Analog Devices
Part # AD7766-1
Download  AD7766-1 Download
File Size   2204.08 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 24-Bit, 8.5 mW, 109 dB, 128/64/32 kSPS ADCs

AD7766-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7766-1 Datasheet PDF - Analog Devices

Part # AD7766-1
Download  AD7766-1 Click to download

File Size   2204.08 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 24-Bit, 8.5 mW, 109 dB, 128/64/32 kSPS ADCs

AD7766-1 Datasheet (HTML) - Analog Devices


AD7766-1 Product details

GENERAL DESCRIPTION

The AD7767/AD7767-1/AD7767-2 are high performance 24-bit oversampled SAR analog-to-digital converters (ADC). The AD7767/AD7767-1/AD7767-2 combine the benefits of a large dynamic range and input bandwidth, consuming 15 mW, 10.5 mW, and 8.5 mW power, respectively, all contained in a 16-lead TSSOP package.



FEATURES

Oversampled successive approximation (SAR) architecture

High performance ac and dc accuracy, low power

  115.5 dB dynamic range, 32 kSPS (AD7767-2)

  112.5 dB dynamic range, 64 kSPS (AD7767-1)

  109.5 dB dynamic range, 128 kSPS (AD7767)

  −118 dB THD

Exceptionally low power

  8.5 mW, 32 kSPS (AD7767-2)

  10.5 mW, 64 kSPS (AD7767-1)

  15 mW, 128 kSPS (AD7767)

High dc accuracy

  24 bits, no missing codes (NMC)

  INL: ±3 ppm (typical), ±7.6 ppm (maximum)

Low temperature drift

  Zero error drift: 15 nV/°C

  Gain error drift: 0.0075% FS

On-chip low-pass FIR filter

  Linear phase response

  Pass-band ripple: ±0.005 dB

  Stop-band attenuation: 100 dB

2.5 V supply with 1.8 V/2.5 V/3 V/3.6 V logic interface options

Flexible interfacing options

  Synchronization of multiple devices

  Daisy chain capability

  Power-down function

Temperature range: −40°C to +105°C



APPLICATIONS

Low power PCI/USB data acquisition systems

Low power wireless acquisition systems

Vibration analysis

Instrumentation

High precision medical acquisition




Similar Part No. - AD7766-1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7766-1 AD-AD7766-1 Datasheet
4Mb / 23P
24-Bit, 8.5 mW, 109 dB, 128 kSPS/64 kSPS/32 kSPS ADCs
Rev. D
More results


Similar Description - AD7766-1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7763 AD-AD7763 Datasheet
688Kb / 32P
24-Bit, 625 kSPS, 109 dB 誇-? ADC with On-Chip Buffers, Serial Interface
REV. 0
AD7762 AD-AD7762 Datasheet
591Kb / 28P
625 kSPS, 24-Bit, 109 dB ADC With On-Chip Buffer
8/05-Revision 0
AD7762 AD-AD7762_15 Datasheet
799Kb / 29P
625 kSPS, 24-Bit, 109 dB Sigma-Delta ADC With On-Chip Buffer
REV. A
AD7764 AD-AD7764_15 Datasheet
1Mb / 33P
24-Bit, 312 kSPS, 109 dB Sigma-Delta ADC
REV. A
AD7766 AD-AD7766_15 Datasheet
1Mb / 25P
24-Bit, 8.5 mW, 109 dB, 128 kSPS/64 kSPS/32 kSPS ADCs
REV. C
AD7767 AD-AD7767_15 Datasheet
2Mb / 25P
24-Bit, 8.5 mW, 109 dB, 128 kSPS/64 kSPS/32 kSPS ADCs
REV. C
AD7764 AD-AD7764_17 Datasheet
920Kb / 34P
24-Bit, 312 kSPS, 109 dB Sigma-Delta ADC
29-Mar-2017
AD7766 AD-AD7766_17 Datasheet
1Mb / 25P
128 kSPS/64 kSPS/32 kSPS ADCs
09-Jun-2017
AD7767 AD-AD7767_17 Datasheet
1Mb / 25P
128 kSPS/64 kSPS/32 kSPS ADCs
09-Jun-2017
AD4030-24 AD-AD4030-24_V01 Datasheet
2Mb / 50P
24-Bit, 2 MSPS/500 kSPS, SAR ADCs
Rev. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com