Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWC-2434431505-28VF-R1 Datasheet (PDF) - Eravant

SWC-2434431505-28VF-R1 Datasheet PDF - Eravant
Part # SWC-2434431505-28VF-R1
Download  SWC-2434431505-28VF-R1 Download
File Size   262.29 Kbytes
Page   3 Pages
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant
Description WR-28 Waveguide to 1.85 mm Connector Adapter, Right Angle, 24 to 43.5 GHz

SWC-2434431505-28VF-R1 Datasheet (PDF)

Go To PDF Page Download Datasheet
SWC-2434431505-28VF-R1 Datasheet PDF - Eravant

Part # SWC-2434431505-28VF-R1
Download  SWC-2434431505-28VF-R1 Click to download

File Size   262.29 Kbytes
Page   3 Pages
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant
Description WR-28 Waveguide to 1.85 mm Connector Adapter, Right Angle, 24 to 43.5 GHz

SWC-2434431505-28VF-R1 Datasheet (HTML) - Eravant


SWC-2434431505-28VF-R1 Product details

FEATURES
Broadband Coverage from 24 to 43.5 GHz
Low Insertion Loss and VSWR
Instrumentation Grade
DC Open Circuit
APPLICATIONS
5G Systems and IoT
Test Lab
Instrumentations
Sub-assemblies




Similar Part No. - SWC-2434431505-28VF-R1

ManufacturerPart #DatasheetDescription
logo
Eravant
SWC-2434431505-28VM-R1 ERAVANT-SWC-2434431505-28VM-R1 Datasheet
374Kb / 3P
WR-28 Waveguide to 1.85 mm Connector Adapter, Right Angle, 24 to 43.5 GHz
Rev 1.3
More results


Similar Description - SWC-2434431505-28VF-R1

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9813 PASTERNACK-PE9813 Datasheet
261Kb / 2P
WR-42 to 2.92mm Male Waveguide to Coax Adapter 18 GHz to 26.5 GHz
PE9819 PASTERNACK-PE9819 Datasheet
277Kb / 2P
WR-75 to SMA Female Waveguide to Coax Adapter 10 GHz to 15 GHz
PE9822 PASTERNACK-PE9822 Datasheet
286Kb / 2P
WR-187 to N Female Waveguide to Coax Adapter 3.95 GHz to 5.85 GHz
PE9828 PASTERNACK-PE9828 Datasheet
269Kb / 2P
WR-51 to SMA Female Waveguide to Coax Adapter 15 GHz to 22 GHz
PE9844 PASTERNACK-PE9844 Datasheet
279Kb / 2P
WR-42 to SMA Female Waveguide to Coax Adapter 18 GHz to 26.5 GHz
PE9878 PASTERNACK-PE9878 Datasheet
233Kb / 2P
WR-42 to 2.92mm Female Waveguide to Coax Adapter 18 GHz to 26.5 GHz
PE9872 PASTERNACK-PE9872 Datasheet
246Kb / 2P
WR-430 to N Female Waveguide to Coax Adapter 1.7 GHz to 2.6 GHz
logo
Mini-Circuits
185F-185F MINI-185F-185F Datasheet
212Kb / 2P
Adapter 1.85 mm-F to 1.85 mm-F
185M-185F MINI-185M-185F Datasheet
182Kb / 2P
Adapter 1.85 mm-M to 1.85 mm-F
185M-185M MINI-185M-185M Datasheet
229Kb / 2P
Adapter 1.85 mm-M to 1.85 mm-M
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com