Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWC-2434431505-28VF-R1 Datasheet(PDF) 2 Page - Eravant

Part # SWC-2434431505-28VF-R1
Description  WR-28 Waveguide to 1.85 mm Connector Adapter, Right Angle, 24 to 43.5 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant

SWC-2434431505-28VF-R1 Datasheet(HTML) 2 Page - Eravant

  SWC-2434431505-28VF-R1 Datasheet HTML 1Page - Eravant SWC-2434431505-28VF-R1 Datasheet HTML 2Page - Eravant SWC-2434431505-28VF-R1 Datasheet HTML 3Page - Eravant  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SWC-2434431505-28VF-R1
www.eravant.com | 424-757-0168 | support@eravant.com
Copyright © 2023 by Eravant
2/3
Final Rev 1.3
Mechanical Outline: (Unless otherwise specified, all dimensions are in inches [millimeters])
-40
-35
-30
-25
-20
-15
-10
-5
0
-40
-35
-30
-25
-20
-15
-10
-5
0
22
24
26
28
30
32
34
36
38
40
42
44
Frequency (GHz)
Typical Insertion and Return Loss vs Frequency, SWC-28VM-R1



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com