Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWC-422F-R1 Datasheet (PDF) - Eravant

SWC-422F-R1 Datasheet PDF - Eravant
Part # SWC-422F-R1
Download  SWC-422F-R1 Download
File Size   341.17 Kbytes
Page   3 Pages
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant
Description K-Band Waveguide to 2.4 mm Connector Adapter, Right Angle

SWC-422F-R1 Datasheet (PDF)

Go To PDF Page Download Datasheet
SWC-422F-R1 Datasheet PDF - Eravant

Part # SWC-422F-R1
Download  SWC-422F-R1 Click to download

File Size   341.17 Kbytes
Page   3 Pages
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant
Description K-Band Waveguide to 2.4 mm Connector Adapter, Right Angle

SWC-422F-R1 Datasheet (HTML) - Eravant


SWC-422F-R1 Product details

FEATURES
Broad Band Coverage
Lower Insertion Loss and VSWR
Instrumentation Grade
DC Open Circuit
APPLICATIONS
Test Lab
Instrumentations
Sub-assemblies




Similar Part No. - SWC-422F-R1

ManufacturerPart #DatasheetDescription
logo
Eravant
SWC-422F-E1 ERAVANT-SWC-422F-E1 Datasheet
339Kb / 3P
K-Band Waveguide to 2.4 mm Connector Adapter, End Launch
Rev 1.2
More results


Similar Description - SWC-422F-R1

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
975WCAN AAC-975WCAN Datasheet
179Kb / 5P
Waveguide to Coaxial Adapter
logo
Microsemi Corporation
M09207 MICROSEMI-M09207 Datasheet
147Kb / 2P
K Band Waveguide Modulator
logo
List of Unclassifed Man...
5014CCSF ETC2-5014CCSF Datasheet
297Kb / 1P
SMA FE. TO APC 2.4 MM M. ADAPTER
5119 ETC2-5119 Datasheet
98Kb / 1P
2.4 MM MALE TO 2.4MM FEMALE PHASE ADJUSTABLE ADAPTER
logo
Pasternack Enterprises,...
PE-W42CA002 PASTERNACK-PE-W42CA002 Datasheet
424Kb / 4P
WR-42 With UG595-U Flange to 2.92mm Male Waveguide to Coax Adapter Operating From 18 GHz to 26.5 GHz K Band
PEWCA1018 PASTERNACK-PEWCA1018 Datasheet
368Kb / 3P
WR-42 UG-595/U Square Cover Flange to SMA Female Waveguide to Coax Adapter Operating From 18 GHz to 26.5 GHz, K Band
logo
Mini-Circuits
185F-24F MINI-185F-24F Datasheet
218Kb / 2P
Adapter 1.85 mm-F to 2.4 mm-F
185F-24M MINI-185F-24M Datasheet
178Kb / 2P
Adapter 1.85 mm-F to 2.4 mm-M
185M-24F MINI-185M-24F Datasheet
204Kb / 2P
Adapter 1.85 mm-M to 2.4 mm-F
185M-24M MINI-185M-24M Datasheet
222Kb / 2P
Adapter 1.85 mm-M to 2.4 mm-M
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com