Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5119 Datasheet (PDF) - List of Unclassifed Manufacturers

5119 Datasheet PDF - List of Unclassifed Manufacturers
Part # 5119
Download  5119 Download
File Size   98.49 Kbytes
Page   1 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description 2.4 MM MALE TO 2.4MM FEMALE PHASE ADJUSTABLE ADAPTER

5119 Datasheet (PDF)

Go To PDF Page Download Datasheet
5119 Datasheet PDF - List of Unclassifed Manufacturers

Part # 5119
Download  5119 Click to download

File Size   98.49 Kbytes
Page   1 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description 2.4 MM MALE TO 2.4MM FEMALE PHASE ADJUSTABLE ADAPTER

5119 Datasheet (HTML) - List of Unclassifed Manufacturers


5119 Product details

(THM)THRU HOLE MOUNT TEST POINTS-COLOR KEYED



•Color keyed for visibility and quick identification

•Economical choice for PC test point terminations

•Snap-fit mounting provides positive retention for wave soldering

•Wire form loop for safe, non-sliptesting

•Space saving, ultra low and low profile designs

•High profile design for difficult to reach applications

•Suitable for high density packaging on .062(1.57) and .093(2.36) PC boards

•Practical replacement for wire-wrap posts and turrets

•Secure grip for J hooks, EZ hooks, grabbers, alligator clips, tips or probes

•High tempurature nylon base ideal for reflow soldering

•Ideal for reliable production testing and field service troubleshooting




Similar Part No. - 5119

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5119 ETC2-5119 Datasheet
462Kb / 1P
THM TEST POINTS
logo
Keystone Electronics Co...
5119 KEYSTONE-5119 Datasheet
277Kb / 1P
THRU HOLE MOUNT TEST POINTS - COLOR KEYED
logo
Molex Electronics Ltd.
5119 MOLEX11-5119 Datasheet
462Kb / 1P
(THM) THRU HOLE MOUNT TEST POINTS - COLOR KEYED
logo
Keystone Electronics Co...
5119 KEYSTONE-5119 Datasheet
462Kb / 1P
(THM) THRU HOLE MOUNT TEST POINTS - COLOR KEYED
31-07 20th
logo
Molex Electronics Ltd.
51191-0200 MOLEX7-51191-0200 Datasheet
114Kb / 2P
2.50mm (.098") Pitch Wire-to-Wire and Wire-to-Board Receptacle Housing, With GuideRails, 2 Circuits
More results


Similar Description - 5119

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9452 PASTERNACK-PE9452 Datasheet
242Kb / 2P
Precision 2.4mm Male to 2.4mm Female Adapter
PE9655 PASTERNACK-PE9655 Datasheet
253Kb / 3P
Precision SMA Female to 2.4mm Male Adapter
PE9674 PASTERNACK-PE9674 Datasheet
84Kb / 1P
1.85mm FEMALE TO 2.4mm MALE PRECISION ADAPTER
PE9503 PASTERNACK-PE9503 Datasheet
254Kb / 2P
Precision 2.4mm Female to N Male Adapter
logo
List of Unclassifed Man...
5016CCSF ETC2-5016CCSF Datasheet
90Kb / 1P
SMA MALE TO 2.4MM FEMALE ADAPTER
5018 ETC2-5018 Datasheet
126Kb / 1P
PHASE ADJUSTABLE ADAPTER SMA FEMALE TO SMA MALE
logo
Pasternack Enterprises,...
PE91292 PASTERNACK-PE91292 Datasheet
341Kb / 3P
3.5mm Female to 2.4mm Male Adapter
PE91293 PASTERNACK-PE91293 Datasheet
342Kb / 3P
3.5mm Male to 2.4mm Female Adapter
PE91296 PASTERNACK-PE91296 Datasheet
341Kb / 3P
2.92mm Female to 2.4mm Male Adapter
PE91297 PASTERNACK-PE91297 Datasheet
340Kb / 3P
2.92mm Male to 2.4mm Female Adapter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com