Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8351 Datasheet (PDF) - PMC-Sierra, Inc

PM8351 Datasheet PDF - PMC-Sierra, Inc
Part # PM8351
Download  PM8351 Download
File Size   111.22 Kbytes
Page   2 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description 8-Channel 1.0-1.25 Gbps Transceiver

PM8351 Datasheet (PDF)

Go To PDF Page Download Datasheet
PM8351 Datasheet PDF - PMC-Sierra, Inc

Part # PM8351
Download  PM8351 Click to download

File Size   111.22 Kbytes
Page   2 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description 8-Channel 1.0-1.25 Gbps Transceiver

PM8351 Datasheet (HTML) - PMC-Sierra, Inc


PM8351 Product details

GENERAL DESCRIPTION
The OctalPHYTM is an octal PHYsical layer transceiver ideal for systems requiring large numbers of point-to-point gigabit links. It provides eight individual serial channels capable of operation at up to 1.25 Gbps, which may be grouped together to form a single 12.5 Gbps bidirectional link.
The OctalPHY includes 8B/10B block coding logic (compliant with 802.3z Gigabit Ethernet and FibreChannel requirements) which produces run length limited data streams for serial transmission.

FEATURES
• Eight independent 1.0-1.25 Gbit/s transceivers
• Ultra low power operation: 1.25 Watts typical
• Integrated serializer/deserializer, clock synthesis, clock recovery, and 8B/10B encode/decode logic
• Physical Coding Sublayer (PCS) logic for Gigabit Ethernet
• Optional receive FIFO which synchronizes incoming data to local clock domain
• Dual Data Rate (DDR) parallel interface with clock forwarding to halve ASIC terminal count and simplify timing
• Extensive control of loopback, BIST, and operating modes via 802.3 compliant MDC/MDIO serial interface
• Built-in packet generator/checker
• “Trunking” feature to de-skew and align received parallel data across eight channels
• IEEE 1149.1 JTAG testing support
• IEEE 802.3z Gigabit Ethernet and ANSI X3T11 FibreChannel support
• High speed outputs which feature programmable output current to directly drive dual-terminated line
• 2.5 V, 0.25 µ CMOS technology with 3.3V tolerant I/O
• Direct interface to optical modules, coax, or serial backplanes
• Small footprint 19x19 mm, 289-pin PBGA

APPLICATIONS
• High speed serial backplanes
• Gigabit Ethernet links
• FibreChannel links
• Intra-system interconnect
• ASIC to PMD link




Similar Part No. - PM8351

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM8353 PMC-PM8353 Datasheet
122Kb / 2P
4-Channel 1.0-1.25 Gbps Transceiver
PM8355 PMC-PM8355 Datasheet
58Kb / 2P
4-Channel 2.125, 2.5 and 3.125 Gbit/s Transceiver with Half-rate Support
More results


Similar Description - PM8351

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM8353 PMC-PM8353 Datasheet
122Kb / 2P
4-Channel 1.0-1.25 Gbps Transceiver
logo
Broadcom Corporation.
BCM8020 BOARDCOM-BCM8020 Datasheet
126Kb / 1P
8-CHANNEL MULTIRATE 1.0-3.2-GBPS TRANSCEIVER
BCM8020 BOARDCOM-BCM8020_06 Datasheet
119Kb / 2P
EIGHT-CHANNEL MULTIRATE 1.0-3.2-GBPS TRANSCEIVER
logo
Source Photonics, Inc.
B-13-1250-TPM3-SSC-60 SOURCE-B-13-1250-TPM3-SSC-60 Datasheet
1Mb / 6P
1.25 Gbps Bi-directional Single Fiber Transceiver
B-13-1250-T-SSC SOURCE-B-13-1250-T-SSC Datasheet
546Kb / 9P
1.25 Gbps Single Mode Transceiver
C-127-1250AC-FDFB-SLC2 SOURCE-C-127-1250AC-FDFB-SLC2 Datasheet
717Kb / 8P
1.25 Gbps Single Mode SFF LC Transceiver
C-13-1250AC-T-SSC SOURCE-C-13-1250AC-T-SSC Datasheet
537Kb / 8P
1.25 Gbps Single Mode Transceiver
C-15-1250AC-TDFB3-SSC2C SOURCE-C-15-1250AC-TDFB3-SSC2C Datasheet
559Kb / 7P
1.25 Gbps Single Mode Transceiver
C-15-1250AC-FDFB-SLC3A-07 SOURCE-C-15-1250AC-FDFB-SLC3A-07 Datasheet
710Kb / 10P
1.25 Gbps Single Mode SFF LC Transceiver
C-13-1250AC-FDFB-SLC2A-G5 SOURCE-C-13-1250AC-FDFB-SLC2A-G5 Datasheet
708Kb / 10P
1.25 Gbps Single Mode SFF LC Transceiver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com