Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8355 Datasheet (PDF) - PMC-Sierra, Inc

PM8355 Datasheet PDF - PMC-Sierra, Inc
Part # PM8355
Download  PM8355 Download
File Size   58.68 Kbytes
Page   2 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description 4-Channel 2.125, 2.5 and 3.125 Gbit/s Transceiver with Half-rate Support

PM8355 Datasheet (PDF)

Go To PDF Page Download Datasheet
PM8355 Datasheet PDF - PMC-Sierra, Inc

Part # PM8355
Download  PM8355 Click to download

File Size   58.68 Kbytes
Page   2 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description 4-Channel 2.125, 2.5 and 3.125 Gbit/s Transceiver with Half-rate Support

PM8355 Datasheet (HTML) - PMC-Sierra, Inc


PM8355 Product details

GENERAL DESCRIPTION
The QuadPHY-II is a physical layer transceiver ideal for systems requiring high speed point-to-point communication links. It is applicable for PMAPMD connections in 10 GE, Infiniband 1 or 4 x 2.5 Gbit/s links, 1 and 2 Gbit/s Fibre Channel, as well as high speed serial backplanes for high capacity systems.

FEATURES
GENERAL
• 10Gbit/s, bi-directional, XAUI to XGMII link supporting the proposed IEEE 802.3ae (the standard is draft and is subject to change).
• Four independent 2.125, 2.5 and 3.125 Gbit/s Serdes for Fibre Channel, Infiniband, 10 GE line cards and high speed backplane applications.
• Half/Full rate mode selectable per channel.
• Integrated serializer/ deserializer, clock synthesis, clock recovery and 8B/10B encode/decode logic.
• Under 2 Watts typical power.

SERIAL I/O
• Redundant high speed serial I/O channels for convenient switching to redundant fabric.
• High speed outputs with optional preemphasis to drive longer backplanes.
• High speed I/O with on-chip termination resistors to directly drive dual-terminated 50 Ohm lines.

PARALLEL I/O
• 10-bit Dual Data Rate (DDR) parallel interface.
• Selectable source simultaneous or source synchronous transmit and receive parallel interfaces.
• Convenient output clock for user friendly ASIC timing.
• Interoperates with SSTL2 and 1.8V LVCMOS standard.

TRUNKING &TIMING
• Integrated Receive FIFO synchronizes incoming data to local clock domain.
• Trunking feature de-skews and aligns all four channels to form a single 10 Gbit/s logical link

TEST FEATURES
• Extensive control of loopback, BIST, and operating modes via 802.3 compliant MDC/MDIO serial interface.
• On-chip packet generator/checker provides at-speed diagnostics.
• Built-in error counters per channel.
• Support for IEEE 1149.1 JTAG testing on all pins.

PHYSICAL
• 1.8V, 0.18 micron standard CMOS technology with 2.5V tolerant I/O.
• 289-ball PBGA (19mm x 19mm package).

APPLICATIONS
• High speed serial backplanes
• 10 GE links
• Fibre Channel transceivers
• Infiniband transceivers
• XAUI retimers
• Intra-system interconnect




Similar Part No. - PM8355

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM8351 PMC-PM8351 Datasheet
111Kb / 2P
8-Channel 1.0-1.25 Gbps Transceiver
PM8353 PMC-PM8353 Datasheet
122Kb / 2P
4-Channel 1.0-1.25 Gbps Transceiver
More results


Similar Description - PM8355

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
V23818-M305-B57 INFINEON-V23818-M305-B57 Datasheet
1Mb / 19P
SFP - Small Form-factor Pluggable Multimode 850 nm 2.125 and 1.0625 Gbit/s Fibre Channel 1.25 Gigabit Ethernet Transceiver with LC??Connector
2003-04-25
FOA1252A1 INFINEON-FOA1252A1 Datasheet
197Kb / 16P
2.5 Gbit/s Transimpedance Amplifier
July 1998
logo
Texas Instruments
TLK3101 TI-TLK3101 Datasheet
322Kb / 24P
2.5 Gbps to 3.125 Gbps TRANSCEIVER
logo
NXP Semiconductors
TZA3015HW PHILIPS-TZA3015HW Datasheet
352Kb / 67P
30 Mbit/s to 3.2 Gbit/s A-rate 4-bit fibre optic transceiver
2003 Dec 16
logo
List of Unclassifed Man...
GD16571 ETC-GD16571 Datasheet
115Kb / 7P
2.5 GBIT/S RETIMING LASER DRIVER
logo
PMC-Sierra, Inc
PM5309 PMC-PM5309 Datasheet
65Kb / 2P
Multi-rate Telecom Backplane SERDES for 2.5 Gbit/s Interconnect
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-711XPDZ AVAGO-AFCT-711XPDZ Datasheet
538Kb / 15P
Multi-rate 1310 nm XFP 10 Gbit/s Optical Transceiver
logo
Texas Instruments
TLK3101 TI1-TLK3101_16 Datasheet
612Kb / 28P
2.5 Gbps to 3.125 Gbps TRANSCEIVER
logo
AVAGO TECHNOLOGIES LIMI...
HFCT-711XPD AVAGO-HFCT-711XPD Datasheet
340Kb / 14P
Multi-rate 1310 nm XFP 10 Gbit/s Optical Transceiver
logo
Broadcom Corporation.
AFCT-711XPDZ BOARDCOM-AFCT-711XPDZ Datasheet
538Kb / 15P
Multi-rate 1310 nm XFP 10 Gbit/s Optical Transceiver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com