Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM5309 Datasheet (PDF) - PMC-Sierra, Inc

PM5309 Datasheet PDF - PMC-Sierra, Inc
Part # PM5309
Download  PM5309 Download
File Size   65.35 Kbytes
Page   2 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description Multi-rate Telecom Backplane SERDES for 2.5 Gbit/s Interconnect

PM5309 Datasheet (PDF)

Go To PDF Page Download Datasheet
PM5309 Datasheet PDF - PMC-Sierra, Inc

Part # PM5309
Download  PM5309 Click to download

File Size   65.35 Kbytes
Page   2 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description Multi-rate Telecom Backplane SERDES for 2.5 Gbit/s Interconnect

PM5309 Datasheet (HTML) - PMC-Sierra, Inc


PM5309 Product details

FEATURES

• High performance backplane interface and cross-connect for 2.5G line cards in SONET/SDH systems.

• Provides one low-speed parallel TelecomBus interface operating at 32 bits x 77.76 MHz.

• Provides three high-speed multi-rate serial backplane interfaces.

• Supports CLOS and memory-based switch fabric systems.

• Supports linear, UPSR, and BLSR protection strategies.



GENERAL

• Low power 1.2 V CMOS core with 2.5 V or 3.3 V CMOS/TTL selectable digital I/O.

• Generic 16-bit microprocessor bus interface and full suite of interrupts for configuration, control, and status monitoring.

• Standard 5-signal IEEE 1149.1 JTAG test port for boundary scan board testing.



APPLICATIONS

• Multi-service Provisioning Platforms.

• SONET/SDH Digital Cross-connects.

• SONET/SDH Add/Drop and Terminal Multiplexers.



 




Similar Part No. - PM5309

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
PM5300 SCHNEIDER-PM5300 Datasheet
2Mb / 14P
PowerLogic™ PM5000 series Technical Datasheet
Version: 1.0 - 04/02/2023
logo
PMC-Sierra, Inc
PM5307 PMC-PM5307 Datasheet
312Kb / 2P
9.953 Gbit/s Telecom Bus Serializer
More results


Similar Description - PM5309

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM5307 PMC-PM5307 Datasheet
312Kb / 2P
9.953 Gbit/s Telecom Bus Serializer
PM5310 PMC-PM5310 Datasheet
58Kb / 2P
TelecomBus Serializer for 2.5 Gbit/s Interconnect
PM8355 PMC-PM8355 Datasheet
58Kb / 2P
4-Channel 2.125, 2.5 and 3.125 Gbit/s Transceiver with Half-rate Support
logo
Infineon Technologies A...
FOA1252A1 INFINEON-FOA1252A1 Datasheet
197Kb / 16P
2.5 Gbit/s Transimpedance Amplifier
July 1998
logo
List of Unclassifed Man...
GD16521 ETC-GD16521 Datasheet
166Kb / 13P
2.5 GBIT/S RE TIMING LASER DRIVER
GD16571 ETC-GD16571 Datasheet
115Kb / 7P
2.5 GBIT/S RETIMING LASER DRIVER
logo
National Semiconductor ...
SCAN50C400A NSC-SCAN50C400A Datasheet
1Mb / 30P
1.25/2.5/5.0 Gbps Quad Multi-Rate Backplane Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-711XPDZ AVAGO-AFCT-711XPDZ Datasheet
538Kb / 15P
Multi-rate 1310 nm XFP 10 Gbit/s Optical Transceiver
HFCT-711XPD AVAGO-HFCT-711XPD Datasheet
340Kb / 14P
Multi-rate 1310 nm XFP 10 Gbit/s Optical Transceiver
logo
Broadcom Corporation.
AFCT-711XPDZ BOARDCOM-AFCT-711XPDZ Datasheet
538Kb / 15P
Multi-rate 1310 nm XFP 10 Gbit/s Optical Transceiver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com