Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM5307 Datasheet (PDF) - PMC-Sierra, Inc

PM5307 Datasheet PDF - PMC-Sierra, Inc
Part # PM5307
Download  PM5307 Download
File Size   312.01 Kbytes
Page   2 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description 9.953 Gbit/s Telecom Bus Serializer

PM5307 Datasheet (PDF)

Go To PDF Page Download Datasheet
PM5307 Datasheet PDF - PMC-Sierra, Inc

Part # PM5307
Download  PM5307 Click to download

File Size   312.01 Kbytes
Page   2 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description 9.953 Gbit/s Telecom Bus Serializer

PM5307 Datasheet (HTML) - PMC-Sierra, Inc


PM5307 Product details

FEATURES
• The PM5307 TBS-9953 switches timeslots (down to an STS-1 granularity) from/to the line side interface to/from a system side working (W), protection (P), and optionally an auxiliary (A) interface.
• 4 sets of 16 port serial links:
• 2 sets of 16 x 777.6 Mbit/s links (8B/10B encoded Serial TelecomBus).
• 2 set of configurable 16 x 777.6 Mbit/s or 16 x 2.488 Gbit/s (SONET/SDH scrambled).
• Typical applications (line to system interfaces):
• 16 x 777.6 Mbit/s to 3 x 16 x 777.6 Mbit/s (W,P,A)
• 16 x 777.6 Mbit/s to 4x4x2.488 Gbit/s (W,P,A1,A2)
• 2 x (16 x 777.6) Mbit/s to 2 x (2 x 4 x 2.488) Gbit/s (W, P) - Dual TBS
• 4 x 2.488 Gbit/s to 3 x 4 x 2.488 Gbit/s (W,P,A)
• Supports redundant working/protection time-space-time switch fabrics, including the PM5372 TSE and PM5374 TSE-160 devices.
• Supports STS-192c/STM-64c, STS- 48c/STM-16c, STS-12c/STM-4c, and STS-3c/STM-1c traffic on the interface.
• Supports through-traffic, drop-traffic and protection switching in UPSR, 2-fiber BLSR and 4-fiber BLSR applications.
• Provides per link concatenated SONET PRBS generation/ monitoring for outgoing/ incoming LVDS data link for off-line link verification. 777.6 Mbit/s links can carry an STS-12c PRBS stream. 2.488 Gbit/s links can carry an STS-48c PRBS stream.
• Option to perform in-service link verification by checking and/or overwriting the Z2 byte of each constituent STS-1/STM-0 frame with a unique software programmable byte and its complement.
• Provides pins to coordinate updating of the connection map of the time-slot interchange blocks in the local device, peer PM5307 TBS-9953 devices, and companion PM5374 TSE-160 or PM5372 TSE devices.
• Provides two independent time domains for frame alignment purposes. The time domains for each link interface are selectable through the software interface.
• Driven by a 155.52 MHz reference clock.
• Implemented in 1.8 V core and 3.3 V I/O, 0.18 µm CMOS and packaged in a 1152 ball FCBGA.
• Provides a standard IEEE 1149.1 JTAG port.

APPLICATIONS
• Optical cross connects.
• Multi-service provisioning platforms.
• SONET/SDH Add/Drop Multiplexers.
• SONET/SDH Digital Cross connects.
• Serial TelecomBus backplane driver.




Similar Part No. - PM5307

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
PM5300 SCHNEIDER-PM5300 Datasheet
2Mb / 14P
PowerLogic™ PM5000 series Technical Datasheet
Version: 1.0 - 04/02/2023
logo
PMC-Sierra, Inc
PM5309 PMC-PM5309 Datasheet
65Kb / 2P
Multi-rate Telecom Backplane SERDES for 2.5 Gbit/s Interconnect
More results


Similar Description - PM5307

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM5310 PMC-PM5310 Datasheet
58Kb / 2P
TelecomBus Serializer for 2.5 Gbit/s Interconnect
PM5372 PMC-PM5372 Datasheet
59Kb / 2P
40 Gbit/s Transport Switching Element
PM5392 PMC-PM5392 Datasheet
41Kb / 2P
SATURN User Network Interface for 9.953 Gbit/s
PM7325 PMC-PM7325 Datasheet
46Kb / 2P
2.4 Gbit/s ATM Layer Solution
logo
Infineon Technologies A...
V23814-K1306-M136 INFINEON-V23814-K1306-M136 Datasheet
610Kb / 27P
PAROLI Tx AC, 1.25 Gbit/s
2001-12-01
V23814-U1306-M136 INFINEON-V23814-U1306-M136 Datasheet
748Kb / 29P
PAROLI Tx AC, 1.6 Gbit/s
2002-05-14
V23832-T2431-M101 INFINEON-V23832-T2431-M101 Datasheet
668Kb / 30P
PAROLI 2 Tx AC, 2.7 Gbit/s
2003-05-21
FOA1252A1 INFINEON-FOA1252A1 Datasheet
197Kb / 16P
2.5 Gbit/s Transimpedance Amplifier
July 1998
logo
List of Unclassifed Man...
GD16571 ETC-GD16571 Datasheet
115Kb / 7P
2.5 GBIT/S RETIMING LASER DRIVER
logo
PMC-Sierra, Inc
PM5309 PMC-PM5309 Datasheet
65Kb / 2P
Multi-rate Telecom Backplane SERDES for 2.5 Gbit/s Interconnect
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com