Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM5372 Datasheet (PDF) - PMC-Sierra, Inc

PM5372 Datasheet PDF - PMC-Sierra, Inc
Part # PM5372
Download  PM5372 Download
File Size   59.45 Kbytes
Page   2 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description 40 Gbit/s Transport Switching Element

PM5372 Datasheet (PDF)

Go To PDF Page Download Datasheet
PM5372 Datasheet PDF - PMC-Sierra, Inc

Part # PM5372
Download  PM5372 Click to download

File Size   59.45 Kbytes
Page   2 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description 40 Gbit/s Transport Switching Element

PM5372 Datasheet (HTML) - PMC-Sierra, Inc


PM5372 Product details

FEATURES
• Implements a Time-Space-Time fabric with STS-1/AU-3 granularity.
• Provides 64 ingress STS-12 equivalent ports for a total of 64*12 = 768 STS-1 flows.
• Supports non-blocking permutation switching of 768 STS-1 flows at STS-1 granularity.
• Provides 64 egress STS-12 equivalent ports consisting of 768 STS-1 flows.
• Interfaces to STS-48 and STS-192 devices by aggregating 4 and 16 STS- 12 equivalent flows respectively.
• Supports multicast and broadcast of STS-1 streams.
• Supports STS-12 equivalent flows with an extended 8B/10B protocol over 777.6 MHz LVDS links.
• Supports multi-plane (inverse multiplexed) switch architectures in conjunction with the PM5310 TBS device and PM7390 S/UNI®-MACH48.
• Recovers clock and data at each ingress port, synchronizes with an internal 77.76 MHz clock, and produces egress streams with a common 777.6 MHz clock.
• Detects and reports inactive or erred LVDS links via the microprocessor interface.
• Supports two sets of switch settings and a controlled method of changing settings on STS-1 frame boundaries.
• Supports multiple fabric architectures that range from 40 Gbit/s (1 TSE) to 160 Gbit/s (4 TSE devices) in a single stage, and up to 2.5 Tbit/s using multistage fabrics.
• Ingress to egress STS-1 switching latency of approximately 900 ns.
• Supported by an efficient algorithm to compute control settings for all permutation loads for all supported fabric architectures. Algorithms are also available for multicast/broadcast allocation.
• 1.8 V CMOS core and 3.3 V CMOS/LVDS input/output.
• Requires no external RAMs or logic parts.
• Provides a standard IEEE 1149.1 JTAG port.
• Power Consumption of 13 W (maximum).
• Packaged in a 520 pin 40mm by 40mm UltraBGA.
• Supports a 16-bit microprocessor interface which is used to initialize the device, to write switch settings into onchip control tables, and to monitor device performance.

APPLICATIONS
In combination with the PM5310 TBS (TelecomBus Serializer and Time-Space switching stage), the PM5315 SPECTRA-2488, the PM5316 SPECTRA-4X155, and the PM7390 S/UNI-MACH48, the PM5372 TSE supports a variety of flexible Layer 1 / Layer 2 architectures. These architectures can implement features commonly found in DCS, ADM, and multi-service switch/router equipment.
The PM5372 TSE provides the functionality that enables networking equipment to:
• Connect to (multiple) SONET rings.
• Participate in mesh-connected architectures.
• Serve as SONET-connected terminal multiplexers.
• Groom traffic at STS-1/AU-3 granularity.
• Support channelization of OC- 3/12/48/192 line rates.
• Support concatenated lines rates including STS-1 (DS-3), STS-3c, STS- 12c, STS-48c and STS-192c.
• Support add, drop, and drop-andcontinue.
• Support UPSR, 2-BLSR, 4-BLSR, and 1+1 or 1:N APS.
• Support mesh-based APS systems.




Similar Part No. - PM5372

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM5370 PMC-PM5370 Datasheet
62Kb / 2P
SONET/SDH Wideband Cross-Connect
PM5371 PMC-PM5371 Datasheet
74Kb / 2P
VT/TU Cross-Connect Switch
PM5371 PMC-PM5371 Datasheet
313Kb / 2P
SONET/SDH TRIBUTARY UNIT CROSS CONNECT
PM5371-RI PMC-PM5371-RI Datasheet
313Kb / 2P
SONET/SDH TRIBUTARY UNIT CROSS CONNECT
PM5371-RI PMC-PM5371-RI Datasheet
308Kb / 93P
SONET/SDH TRIBUTARY UNIT CROSS CONNECT
More results


Similar Description - PM5372

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM5307 PMC-PM5307 Datasheet
312Kb / 2P
9.953 Gbit/s Telecom Bus Serializer
PM7325 PMC-PM7325 Datasheet
46Kb / 2P
2.4 Gbit/s ATM Layer Solution
PM73488 PMC-PM73488 Datasheet
69Kb / 4P
5 Gbit/s ATM Switch Fabric Element
PM73488 PMC-PM73488 Datasheet
1Mb / 135P
5 Gbit/s ATM Switch Fabric Element
logo
Hynix Semiconductor
GDC21D301A HYNIX-GDC21D301A Datasheet
861Kb / 35P
Transport Decoder
logo
Infineon Technologies A...
V23814-K1306-M136 INFINEON-V23814-K1306-M136 Datasheet
610Kb / 27P
PAROLI Tx AC, 1.25 Gbit/s
2001-12-01
V23814-U1306-M136 INFINEON-V23814-U1306-M136 Datasheet
748Kb / 29P
PAROLI Tx AC, 1.6 Gbit/s
2002-05-14
FOA1252A1 INFINEON-FOA1252A1 Datasheet
197Kb / 16P
2.5 Gbit/s Transimpedance Amplifier
July 1998
logo
List of Unclassifed Man...
GD16571 ETC-GD16571 Datasheet
115Kb / 7P
2.5 GBIT/S RETIMING LASER DRIVER
logo
PMC-Sierra, Inc
PM73488-1 PMC-PM73488-1 Datasheet
59Kb / 2P
5 Gbit/s ATM Switch Fabric Element
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com