Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC72725KM Datasheet (PDF) - Sanyo Semicon Device

LC72725KM Datasheet PDF - Sanyo Semicon Device
Part # LC72725KM
Download  LC72725KM Download
File Size   176.19 Kbytes
Page   9 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description CMOS IC RDS(RBDS) Demodulation IC

LC72725KM Datasheet (PDF)

Go To PDF Page Download Datasheet
LC72725KM Datasheet PDF - Sanyo Semicon Device

Part # LC72725KM
Download  LC72725KM Click to download

File Size   176.19 Kbytes
Page   9 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description CMOS IC RDS(RBDS) Demodulation IC

LC72725KM Datasheet (HTML) - Sanyo Semicon Device


LC72725KM Product details

Overview
The LC72725KM and LC72725KV are ICs that implement the signal processing required by the European Broadcasting Union RDS (Radio Data System) standard and by the US NRSC (National Radio System Committee) RBDS (Radio Broadcast Data System) standard. These ICs include band-pass filter, demodulator,and data buffer RAM on chip. RDS data can be read out from this on-chip memory by external clock input in slave operation mode.

Functions
• Bandpass filter: Switched capacitor filter (SCF)
• RDS Demodulation: 57KHz carrier and RDS data clock regeneration, biphase decode, differential decode.
• Buffer RAM: 128 bit (about 100ms) can be restored in the on-chip data buffer RAM.
• Data output: Master or slave output mode can be selected.
• RDS-ID: Detect RDS signal which can be reset by RST signal input.
• Standby control: Crystal oscillator can be stopped.
• Fully adjustment free
• Low Voltage




Similar Part No. - LC72725KM

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC72725KM SANYO-LC72725KM Datasheet
93Kb / 9P
RDS(RBDS) Demodulation IC
LC72725KMA SANYO-LC72725KMA Datasheet
88Kb / 9P
RDS(RBDS) Demodulation IC
LC72725KM SANYO-LC72725KM_10 Datasheet
93Kb / 9P
RDS(RBDS) Demodulation IC
More results


Similar Description - LC72725KM

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC72723 SANYO-LC72723 Datasheet
114Kb / 8P
RDS Demodulation IC
logo
STMicroelectronics
TDA7333 STMICROELECTRONICS-TDA7333 Datasheet
656Kb / 21P
RDS/RBDS PROCESSOR
Rev. 1
logo
Rohm
BU1924 ROHM-BU1924 Datasheet
81Kb / 5P
RDS / RBDS decoder
logo
STMicroelectronics
TDA7333N STMICROELECTRONICS-TDA7333N Datasheet
415Kb / 36P
RDS/RBDS processor
09-Jun-2008
logo
Sanyo Semicon Device
LC72725KVS SANYO-LC72725KVS Datasheet
91Kb / 9P
CMOS IC RDS(RBDS) Demodulation IC
LC72725KM SANYO-LC72725KM_10 Datasheet
93Kb / 9P
RDS(RBDS) Demodulation IC
LC72725KMA SANYO-LC72725KMA Datasheet
88Kb / 9P
RDS(RBDS) Demodulation IC
logo
NXP Semiconductors
SAA6581HN NXP-SAA6581HN Datasheet
81Kb / 15P
RDS/RBDS demodulator
2003 Oct 10
logo
ON Semiconductor
LC72725KV ONSEMI-LC72725KV Datasheet
93Kb / 9P
RDS(RBDS) Demodulation IC
June, 2013
LC72725KVS ONSEMI-LC72725KVS Datasheet
90Kb / 9P
RDS(RBDS) Demodulation IC
June, 2013
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com