Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC72725KM Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LC72725KM
Description  CMOS IC RDS(RBDS) Demodulation IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72725KM Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LC72725KM Datasheet HTML 1Page - Sanyo Semicon Device LC72725KM Datasheet HTML 2Page - Sanyo Semicon Device LC72725KM Datasheet HTML 3Page - Sanyo Semicon Device LC72725KM Datasheet HTML 4Page - Sanyo Semicon Device LC72725KM Datasheet HTML 5Page - Sanyo Semicon Device LC72725KM Datasheet HTML 6Page - Sanyo Semicon Device LC72725KM Datasheet HTML 7Page - Sanyo Semicon Device LC72725KM Datasheet HTML 8Page - Sanyo Semicon Device LC72725KM Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
LC72725KM, 72725KV
No.A0503-2/9
Continued from preceding page.
Parameter
Symbol
Pin Name
Conditions
Ratings
Unit
(Ta
≤85°C)MFP16
140
mW
Allowable power dissipation
Pd max
(Ta
≤85°C)SSOP16
100
mW
Topr1
VDD = 2.7V to 5.5V
-20 to +70
°C
Operating temperature
Topr2
VDD = 3.0V to 5.5V
-40 to +85
°C
Storage temperature
Tstg
-40 to +125
°C
Allowable Operating Ranges at Ta = -20 to +70°C, VSSd = VSSa = 0V, VDDd = VDDa = 2.7V to 5.5V
Ta = -40 to +85
°C, VSSd = VSSa = 0V, VDDd = VDDa = 3.0V to 5.5V
Ratings
Parameter
Symbol
Pin Name
Conditions
min
typ
max
unit
VDD1
VDDd, VDDa
Ta = -20 to +70
°C
2.7
5.5
Supply voltage
VDD2
VDDd, VDDa
Ta = -40 to +85
°C
3.0
5.5
V
VIH1
TEST, MODE, RST
0.7VDDd
6.5
V
Input high-level voltage
VIH2
RDCL
0.7VDDd
VDDd
V
Input low-level voltage
VIL
TEST, MODE, RST,
RDCL
0
0.3VDDd
V
VO1
RDDA, RDCL
VDDd
V
Output voltage
VO2
RDS-ID(READY)
6.5
V
VIN
MPXIN
f = 57
±2kHz
1.6
50
mVrms
Input amplitude
VXIN
XIN
400
1500
mVrms
Guaranteed crystal
oscillator frequencies
Xtal
XIN, XOUT
CI
≤120Ω
4.332
MHz
Crystal oscillator operating
range
TXtal
XIN, XOUT
Fo = 4.332MHz
±100
ppm
RDCL setup time
tCS
RDCL, RDDA
0
µs
RDCL high-level time
tCH
RDCL
0.75
µs
RDCL low-level time
tCL
RDCL
0.75
µs
Data output time
tDC
RDCL, RDDA
0.75
µs
READY output time
tRC
RDCL, READY
0.75
µs
READY low-level time
tRL
READY
107
ms



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com