Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NEX10000AUB Datasheet (PDF) - Nexperia B.V. All rights reserved

NEX10000AUB Datasheet PDF - Nexperia B.V. All rights reserved
Part # NEX10000AUB
Download  NEX10000AUB Download
File Size   4971.72 Kbytes
Page   21 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 120 mA dual output LCD bias power supply

NEX10000AUB Datasheet (PDF)

Go To PDF Page Download Datasheet
NEX10000AUB Datasheet PDF - Nexperia B.V. All rights reserved

Part # NEX10000AUB
Download  NEX10000AUB Click to download

File Size   4971.72 Kbytes
Page   21 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 120 mA dual output LCD bias power supply

NEX10000AUB Datasheet (HTML) - Nexperia B.V. All rights reserved


NEX10000AUB Product details

1. General description
The NEX10000A is a power supply IC providing
programmable positive and negative output voltages
for TFT-LCD panels. The device features an integrated
boost converter, LDO regulator and a negative charge
pump. The device requires only a single inductor
allowing for a small Bill-Of-Material and the smallest
PCB area.
The NEX10000A has an input voltage range of 2.7 V
to 5 V and can operate from single-cell Li-ion, Ni-Li and
Li-Polymer batteries It can supply up to 120 mA output
current. The NEX10000A has excellent line transient
and load transient responses.

2. Features and benefits
• Input voltage range: 2.7 V to 5 V
• Programmable output voltages:
• OUTP: +4 V to +6.5 V (0.1 V step)
• OUTN: -4 V to -6.5 V (0.1 V step)
• Maximum output current: 120 mA
• 86% high efficiency at 40 mA combined output
• ±1% output voltage accuracy
• Excellent transient response
• I²C Interface:
• Flexible output voltage programming
• Integrated active output discharge function
• UVLO and OTSD protection
• Wafer level chip-scale package; 15 bumps;
1.16 × 1.96 × 0.62 mm body (0.4 mm pitch)
• ESD protection:
• HBM: ANSI/ESDA/JEDEC JS-001 class 2
exceeds 2000 V
• CDM: ANSI/ESDA/JEDEC JS-002 class C2a
exceeds 500 V
• Specified from -40 °C to +85 °C

3. Applications
• Smart phone TFT-LCD
• Tablet TFT-LCD




Similar Part No. - NEX10000AUB

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
NEX10000UB NEXPERIA-NEX10000UB Datasheet
5Mb / 21P
80 mA dual output LCD bias power supply
Rev. 1 - 6 November 2023
NEX10000UBZ NEXPERIA-NEX10000UBZ Datasheet
5Mb / 21P
80 mA dual output LCD bias power supply
Rev. 1 - 6 November 2023
More results


Similar Description - NEX10000AUB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65170 TI-TPS65170 Datasheet
4Mb / 33P
LCD Bias Supply
TPS65133 TI-TPS65133 Datasheet
1Mb / 19P
5 V, 250 mA Dual Output Power Supply
logo
Global Mixed-mode Techn...
G2523 GMT-G2523 Datasheet
197Kb / 2P
Integrated LCD Bias Power Supply
logo
MagnaChip Semiconductor...
MAP7102 MGCHIP-MAP7102 Datasheet
1Mb / 17P
Dual Output LCD Bias IC
logo
Lowpower Semiconductor ...
LP6280 POWER-LP6280 Datasheet
781Kb / 12P
Dual Channel Output LCD Bias Power
logo
Silicon Mitus, Inc.
SM5109 SILICONMITUS-SM5109 Datasheet
203Kb / 1P
Low Iq Single-Inductor and Dual Output for LCD Panel Bias Power Supply
August 2018 - Rev. 0.0.0
logo
Kinetic Technologies.
KTD2150 KINETIC-KTD2150 Datasheet
933Kb / 21P
Programmable Dual Output LCD Bias Power
August 2020 - Revision 04d
KTD2151 KINETIC-KTD2151 Datasheet
876Kb / 21P
Programmable Dual Output LCD Bias Power
April 2020 - Revision 04f
KTD2159 KINETIC-KTD2159 Datasheet
980Kb / 13P
Programmable Dual Output LCD Bias Power
November 2016 - Revision 04a
logo
Silicon Mitus, Inc.
SM4851 SILICONMITUS-SM4851 Datasheet
211Kb / 1P
Single-Inductor and Dual Output for Notebook and Tablet LCD Panel Bias Power Supply
December 2017 Rev. 0.0.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com