Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSMN1R0-100CSF Datasheet (PDF) - Nexperia B.V. All rights reserved

PSMN1R0-100CSF Datasheet PDF - Nexperia B.V. All rights reserved
Part # PSMN1R0-100CSF
Download  PSMN1R0-100CSF Download
File Size   374.51 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description NextPower 100 V, 1.04 mOhm, N-channel MOSFET in CCPAK1212i package

PSMN1R0-100CSF Datasheet (PDF)

Go To PDF Page Download Datasheet
PSMN1R0-100CSF Datasheet PDF - Nexperia B.V. All rights reserved

Part # PSMN1R0-100CSF
Download  PSMN1R0-100CSF Click to download

File Size   374.51 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description NextPower 100 V, 1.04 mOhm, N-channel MOSFET in CCPAK1212i package

PSMN1R0-100CSF Datasheet (HTML) - Nexperia B.V. All rights reserved


PSMN1R0-100CSF Product details

1. General description
NextPower 100 V, standard level gate drive MOSFET. Qualified to 175 °C and recommended for
high power industrial and consumer applications.

2. Features and benefits
• Low Qrr for higher efficiency and lower spiking
• 460 Amps ID(max) continuous current rating
• Low QG × RDSon FOM for high efficiency switching applications
• Strong avalanche energy rating (Eas)
• Avalanche rated and 100% tested
• Ha-free and RoHS compliant CCPAK1212i package
• Inverted package, suitable for top-side cooling

3. Applications
• Battery protection
• High power full and half-bridge configurations
• BLDC motor control
• OR-ing




Similar Part No. - PSMN1R0-100CSF

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSMN1R0-100ASE NEXPERIA-PSMN1R0-100ASE Datasheet
275Kb / 8P
N-channel, 100 V, 1.04 mOhm, MOSFET with enhanced SOA in CCPAK1212 package
7 February 2024
PSMN1R0-100ASF NEXPERIA-PSMN1R0-100ASF Datasheet
396Kb / 13P
NextPower 100 V, 0.99 mOhm, N-channel MOSFET in CCPAK1212 package
29 October 2024
More results


Similar Description - PSMN1R0-100CSF

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSMN3R5-80YSF NEXPERIA-PSMN3R5-80YSF Datasheet
313Kb / 13P
NextPower 80 V, 3.5 mOhm, 150 A, N-channel MOSFET in LFPAK56E package
3 September 2021
PSMN1R8-80SSF NEXPERIA-PSMN1R8-80SSF Datasheet
329Kb / 13P
NextPower 80 V, 1.8 mOhm, 270 Amp, N-channel MOSFET in LFPAK88 package
16 December 2022
PSMN2R0-100SSF NEXPERIA-PSMN2R0-100SSF Datasheet
335Kb / 13P
NextPower 100 V, 2.07 mOhm, 267 Amp, N-channel MOSFET in LFPAK88 package
16 December 2022
PSMN2R3-80SSF NEXPERIA-PSMN2R3-80SSF Datasheet
329Kb / 13P
NextPower 80 V, 2.3 mOhm, 240 Amp, N-channel MOSFET in LFPAK88 package
22 August 2022
PSMN3R9-100YSF NEXPERIA-PSMN3R9-100YSF Datasheet
310Kb / 13P
NextPower 100 V, 4.3 mOhm, 120 A, N-channel MOSFET in LFPAK56E package
11 June 2021
PSMN5R5-100YSF NEXPERIA-PSMN5R5-100YSF Datasheet
324Kb / 14P
NextPower 100 V, 5.6 mOhm N-channel MOSFET in LFPAK56 package
11 October 2022
PSMN7R2-100YSF NEXPERIA-PSMN7R2-100YSF Datasheet
332Kb / 14P
NextPower 100 V, 6.9 mOhm N-channel MOSFET in LFPAK56 package
20 June 2023
PSMN9R8-100YSF NEXPERIA-PSMN9R8-100YSF Datasheet
330Kb / 14P
NextPower 100 V, 10.2 mOhm N-channel MOSFET in LFPAK56 package
20 June 2023
PSMN012-100YSF NEXPERIA-PSMN012-100YSF Datasheet
335Kb / 14P
NextPower 100 V, 11.8 mOhm N-channel MOSFET in LFPAK56 package
20 June 2023
PSMN015-100YSF NEXPERIA-PSMN015-100YSF Datasheet
332Kb / 14P
NextPower 100 V, 15.5 mOhm N-channel MOSFET in LFPAK56 package
20 June 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com