Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSC557-05 Datasheet (PDF) - Microchip Technology

DSC557-05 Datasheet PDF - Microchip Technology
Part # DSC557-05
Download  DSC557-05 Download
File Size   1882.94 Kbytes
Page   24 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Multiple Output MEMS PCIe Gen1/2/3/4 Clock Generators

DSC557-05 Datasheet (PDF)

Go To PDF Page Download Datasheet
DSC557-05 Datasheet PDF - Microchip Technology

Part # DSC557-05
Download  DSC557-05 Click to download

File Size   1882.94 Kbytes
Page   24 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Multiple Output MEMS PCIe Gen1/2/3/4 Clock Generators

DSC557-05 Datasheet (HTML) - Microchip Technology


DSC557-05 Product details

Features
• Complies with PCIe Gen1/2/3/4 Common Clock
Spec
• Integrated MEMS Resonator Eliminates the Need
for External 25 MHz Crystal
• Wide Temperature Range:
- Ext. Industrial: –40°C to +105°C
- Industrial: –40°C to +85°C
- Commercial: –20°C to +70°C
• 100 MHz HCSL/LVDS/LVCMOS Options
Available
• Dedicated Output Enable (OE) Pins for Clock
Outputs
• Small Footprints:
- 14-Lead VQFN (DSC557-03, Two Outputs)
- 20-Lead VQFN (DSC557-04, Three Outputs;
DSC557-05, Four Outputs)
• Excellent Shock and Vibration Immunity
- Qualified to MIL-STD-883
• High Reliability
- 20x Better MTF than Quartz Oscillators
• Low Current Consumption: 30% Lower than
Competing Devices
• Supply Range of 2.25V to 3.63V
• Lead-Free and RoHS Compliant
Applications
• Communications/Networking
- Ethernet
- 1G, 10GBASE-T/KR/LR/SR, and FcoE
- Routers and Switches
- Gateways, VoIP, Wireless APs
- Passive Optical Networks
• Storage
- SAN, NAS, SSD, JBOD
• Embedded Applications
- Industrial, Medical, and Avionics
- Security Systems and Office Automation
- Digital Signage, POS, and Others
• Consumer Electronics
- Smart TV, Blu-Ray, STB




Similar Part No. - DSC557-05

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
DSC557-05 MICREL-DSC557-05 Datasheet
660Kb / 7P
Crystal-less??Four Output PCIe Clock Generator
DSC557-051111KE0T MICREL-DSC557-051111KE0T Datasheet
660Kb / 7P
Crystal-less??Four Output PCIe Clock Generator
DSC557-051111KE1T MICREL-DSC557-051111KE1T Datasheet
660Kb / 7P
Crystal-less??Four Output PCIe Clock Generator
DSC557-051111KI0T MICREL-DSC557-051111KI0T Datasheet
660Kb / 7P
Crystal-less??Four Output PCIe Clock Generator
DSC557-051111KI1T MICREL-DSC557-051111KI1T Datasheet
660Kb / 7P
Crystal-less??Four Output PCIe Clock Generator
More results


Similar Description - DSC557-05

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9FGU0841 IDT-9FGU0841_16 Datasheet
207Kb / 16P
8-output 1.5V PCIe Gen1-2-3 Clock Generator
9FGV0431 IDT-9FGV0431_16 Datasheet
224Kb / 15P
4-OUTPUT VERY LOW POWER PCIE GEN1-2-3 CLOCK GENERATOR
IDT5V41236 IDT-IDT5V41236 Datasheet
336Kb / 18P
4 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
logo
Renesas Technology Corp
5V41236 RENESAS-5V41236 Datasheet
506Kb / 14P
4 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
SEPTEMBER 18, 2019
9DMU0431 RENESAS-9DMU0431 Datasheet
2Mb / 12P
2:4 1.5V PCIe Gen1-2-3 Clock Mux
09/24/14
9DMV0431 RENESAS-9DMV0431 Datasheet
2Mb / 13P
2:4 1.8V PCIe Gen1-2-3 Clock Mux
01/26/15
IDT5V41066 RENESAS-IDT5V41066 Datasheet
335Kb / 15P
4 OUTPUT PCIE GEN1/2 SYNTHESIZER
112211
IDT5V41067A RENESAS-IDT5V41067A Datasheet
386Kb / 14P
2:4 PCIE GEN1/2/3 CLOCK MULTIPLEXER
112211
logo
Skyworks Solutions Inc.
SI52254 SKYWORKS-SI52254 Datasheet
485Kb / 31P
4/8-Output PCIe Gen1/2/3/4/5 Clock Generator
Rev. 1.0
SI53258 SKYWORKS-SI53258 Datasheet
822Kb / 42P
8/4-Output PCIe Gen1/2/3/4/5 Clock Buffer
Revision A July, 2022
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com