Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC1412 Datasheet (PDF) - Microchip Technology

EMC1412 Datasheet PDF - Microchip Technology
Part # EMC1412
Download  EMC1412 Download
File Size   1047.67 Kbytes
Page   46 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Multiple Channel 1°C Temperature Sensor with Beta Compensation

EMC1412 Datasheet (PDF)

Go To PDF Page Download Datasheet
EMC1412 Datasheet PDF - Microchip Technology

Part # EMC1412
Download  EMC1412 Click to download

File Size   1047.67 Kbytes
Page   46 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Multiple Channel 1°C Temperature Sensor with Beta Compensation

EMC1412 Datasheet (HTML) - Microchip Technology


EMC1412 Product details

Features
• Programmable SMBus Address
• Support for diodes requiring the BJT/transistor
model including advanced processor geometries
• Automatically determines external diode type and
optimal settings
• Resistance Error Correction
• External Temperature Monitor:
- ±1°C Maximum Accuracy
(+20°C < TDIODE < +110°C)
- 0.125°C resolution
- Supports up to 2.2 nF Diode Filter Capacitor
• Internal Temperature Monitor:
- ±1°C Accuracy
- 0.125°C Resolution
• 3.3V Supply Voltage
• Programmable temperature limits for ALERT and
THERM
• Available in small 8-pin 2 mm x 3 mm TDFN
RoHS compliant package
• Available in small 8-pin MSOP RoHS compliant
package
Applications
• Notebook Computers
• Desktop Computers
• Industrial
• Embedded Applications




Similar Part No. - EMC1412

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
EMC1412 MICROCHIP-EMC1412 Datasheet
2Mb / 44P
Analog & Interface Product Selector Guide
11/29/11
logo
SMSC Corporation
EMC1412 SMSC-EMC1412 Datasheet
789Kb / 47P
Multiple Channel 1 Temperature Sensor with Beta Compensation
logo
Microchip Technology
EMC1412 MICROCHIP-EMC1412 Datasheet
2Mb / 44P
Analog and Interface Product Selector Guide
11/29/11
logo
SMSC Corporation
EMC1412-1-AC3-TR SMSC-EMC1412-1-AC3-TR Datasheet
789Kb / 47P
Multiple Channel 1 Temperature Sensor with Beta Compensation
logo
Microchip Technology
EMC1412-1-AC3-TR MICROCHIP-EMC1412-1-AC3-TR Datasheet
764Kb / 47P
Temperature Sensor with Beta Compensation
Revision 1.41 02-23-12
More results


Similar Description - EMC1412

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EMC1402 SMSC-EMC1402 Datasheet
622Kb / 37P
1째C Temperature Sensor with Beta Compensation
EMC1403 SMSC-EMC1403 Datasheet
728Kb / 42P
1째C Temperature Sensor with Beta Compensation
EMC1046 SMSC-EMC1046 Datasheet
574Kb / 36P
1째C Multiple Temperature Sensor with Beta Compensation and Hottest of Thermal Zones
EMC1413 SMSC-EMC1413 Datasheet
897Kb / 52P
Multiple Channel 1 Temperature Sensors with Beta Compensation
EMC1412 SMSC-EMC1412 Datasheet
789Kb / 47P
Multiple Channel 1 Temperature Sensor with Beta Compensation
logo
Microchip Technology
EMC1412-1-ACZL-TR MICROCHIP-EMC1412-1-ACZL-TR Datasheet
764Kb / 47P
Temperature Sensor with Beta Compensation
Revision 1.41 02-23-12
EMC1413 MICROCHIP-EMC1413_14 Datasheet
1Mb / 54P
Multiple Channel 1째C Temperature Sensors with Beta Compensation
10/28/13
EMC1412 MICROCHIP-EMC1412_14 Datasheet
1Mb / 48P
Multiple Channel 1째C Temperature Sensor with Beta Compensation
10/28/13
EMC1403 MICROCHIP-EMC1403 Datasheet
1Mb / 55P
1째C Temperature Sensor with Beta Compensation
10/28/13
logo
SMSC Corporation
EMC1402 SMSC-EMC1402_12 Datasheet
671Kb / 40P
1째C Temperature Sensor with Beta Compensation
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com