Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MX23L1622 Datasheet (PDF) - Macronix International

MX23L1622 Datasheet PDF - Macronix International
Part # MX23L1622
Download  MX23L1622 Download
File Size   43.75 Kbytes
Page   6 Pages
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International
Description 16M-BIT MASK ROM (16/32 BIT OUTPUT)

MX23L1622 Datasheet (PDF)

Go To PDF Page Download Datasheet
MX23L1622 Datasheet PDF - Macronix International

Part # MX23L1622
Download  MX23L1622 Click to download

File Size   43.75 Kbytes
Page   6 Pages
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International
Description 16M-BIT MASK ROM (16/32 BIT OUTPUT)

MX23L1622 Datasheet (HTML) - Macronix International


MX23L1622 Product details

FEATURES
• Bit organization
    - 1M x 16 (word mode)
    - 512K x 32 (double word mode)
• Fast access time
    - Random access: 100ns (max.)
    - Page access: 30ns (max.)
• Page
    - 8 double words per page
• Current
    - Operating:60mA
    - Standby:50uA
• Supply voltage
    - 3.3V±10%
• Package
    - 70 pin SSOP (500mil)




Similar Part No. - MX23L1622

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX23L1610 MCNIX-MX23L1610 Datasheet
770Kb / 11P
3.3 Volt 16-Mbit (2M x 8 / 1M x 16) Mask ROM
MX23L1610MC-10 MCNIX-MX23L1610MC-10 Datasheet
770Kb / 11P
3.3 Volt 16-Mbit (2M x 8 / 1M x 16) Mask ROM
MX23L1610MC-10G MCNIX-MX23L1610MC-10G Datasheet
770Kb / 11P
3.3 Volt 16-Mbit (2M x 8 / 1M x 16) Mask ROM
MX23L1610MC-12 MCNIX-MX23L1610MC-12 Datasheet
770Kb / 11P
3.3 Volt 16-Mbit (2M x 8 / 1M x 16) Mask ROM
MX23L1610MC-12G MCNIX-MX23L1610MC-12G Datasheet
770Kb / 11P
3.3 Volt 16-Mbit (2M x 8 / 1M x 16) Mask ROM
More results


Similar Description - MX23L1622

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX23C8100 MCNIX-MX23C8100 Datasheet
731Kb / 9P
8M-BIT MASK ROM (8/16 BIT OUTPUT)
MX23L3211 MCNIX-MX23L3211 Datasheet
488Kb / 10P
32M-BIT MASK ROM (8/16-BIT OUTPUT)
MX23L3222 MCNIX-MX23L3222 Datasheet
37Kb / 6P
32M-BIT MASK ROM (16/32 BIT OUTPUT)
MX23L1612 MCNIX-MX23L1612 Datasheet
157Kb / 6P
16M-BIT MASK ROM
MX23L1613 MCNIX-MX23L1613 Datasheet
182Kb / 6P
16M-BIT MASK ROM
MX23L1614 MCNIX-MX23L1614 Datasheet
307Kb / 8P
16M-BIT MASK ROM
MX23L8111 MCNIX-MX23L8111 Datasheet
772Kb / 11P
8M-BIT MASK ROM(8/16 BIT OUTPUT)
logo
SONiX Technology Compan...
SNR016 SONIX-SNR016 Datasheet
179Kb / 9P
16M-bit Mask ROM
logo
Macronix International
MX23C3210 MCNIX-MX23C3210_99 Datasheet
118Kb / 8P
32M-BIT MASK ROM (8/16-BIT OUTPUT)
logo
Generalplus Technology ...
GPR23L1600D GENERALPLUS-GPR23L1600D Datasheet
331Kb / 10P
16M-Bit Mask ROM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com