Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNR016 Datasheet (PDF) - SONiX Technology Company

SNR016 Datasheet PDF - SONiX Technology Company
Part # SNR016
Download  SNR016 Download
File Size   179.92 Kbytes
Page   9 Pages
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company
Description 16M-bit Mask ROM

SNR016 Datasheet (PDF)

Go To PDF Page Download Datasheet
SNR016 Datasheet PDF - SONiX Technology Company

Part # SNR016
Download  SNR016 Click to download

File Size   179.92 Kbytes
Page   9 Pages
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company
Description 16M-bit Mask ROM

SNR016 Datasheet (HTML) - SONiX Technology Company


SNR016 Product details

INTRODUCTION
The SNR016 is a signal power, 16M-bit, read only memory. It is organized as 2M bytes, operates for single 3V power supply, support static standby mode. The SNR016 embedded two different interfaces, one is a standard 8-bit interface bus which compatible with SNL310, another one is a special 8-bit AD (address/data) bus which compatible with SNC710.
SNR016 offers automatic power-down, with power-down controlled by the chip enable “CEB”. When chip enable goes to high, SNR016 will entry power-down mode in order to save the power consumption.

FEATURES
♦ Power supply: 2.4V ~ 3.6V
♦ Memory Size: 16M-bit
♦ Totally static operation
♦ Embedded a standard 8-bit bus interface compatible with SNL310 or a 8-bit AD (address/data) bus interface compatible with SNC710
♦ Access time: 200ns @3V




Similar Part No. - SNR016

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SNR008 SONIX-SNR008 Datasheet
324Kb / 9P
8M-bit Mask ROM
SNR008 SONIX-SNR008_05 Datasheet
190Kb / 9P
8M-bit Mask ROM
SNR032 SONIX-SNR032 Datasheet
250Kb / 10P
32M-bit Mask ROM
More results


Similar Description - SNR016

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A23L3616 AMICC-A23L3616 Datasheet
193Kb / 10P
8M X 16 / 16M X 8 BIT CMOS MASK ROM
logo
Macronix International
MX23L1612 MCNIX-MX23L1612 Datasheet
157Kb / 6P
16M-BIT MASK ROM
MX23L1613 MCNIX-MX23L1613 Datasheet
182Kb / 6P
16M-BIT MASK ROM
MX23L1614 MCNIX-MX23L1614 Datasheet
307Kb / 8P
16M-BIT MASK ROM
MX23L1651 MCNIX-MX23L1651 Datasheet
218Kb / 13P
16M-BIT [16M x 1] CMOS SERIAL MASK-ROM
MX23L6414 MCNIX-MX23L6414 Datasheet
41Kb / 6P
64M-BIT MASK ROM
logo
SONiX Technology Compan...
SNR008 SONIX-SNR008_05 Datasheet
190Kb / 9P
8M-bit Mask ROM
logo
Macronix International
MX23L1622 MCNIX-MX23L1622 Datasheet
43Kb / 6P
16M-BIT MASK ROM (16/32 BIT OUTPUT)
logo
List of Unclassifed Man...
N55S016 ETC2-N55S016 Datasheet
492Kb / 17P
16M-BIT Low Voltage, Serial MASK ROM
logo
Generalplus Technology ...
GPR23L1600D GENERALPLUS-GPR23L1600D Datasheet
331Kb / 10P
16M-Bit Mask ROM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com