Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNR008 Datasheet (PDF) - SONiX Technology Company

SNR008 Datasheet PDF - SONiX Technology Company
Part # SNR008
Download  SNR008 Download
File Size   324.54 Kbytes
Page   9 Pages
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company
Description 8M-bit Mask ROM

SNR008 Datasheet (PDF)

Go To PDF Page Download Datasheet
SNR008 Datasheet PDF - SONiX Technology Company

Part # SNR008
Download  SNR008 Click to download

File Size   324.54 Kbytes
Page   9 Pages
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company
Description 8M-bit Mask ROM

SNR008 Datasheet (HTML) - SONiX Technology Company


SNR008 Product details

INTRODUCTION
The SNR008 is a signal power, 8M-bit, read only memory. It is organized as 1M bytes, operates for single 3V power supply, support static standby mode. The SNR008 embedded two different interfaces, one is a standard 8-bit interface bus which compatible with SNL310, another one is a special 8-bit AD (address/data) bus which compatible with SNC710.
SNR008 offers automatic power-down, with power-down controlled by the chip enable “CE”. When chip enable goes to high, SNR008 will entry power-down mode in order to save the power consumption.

FEATURES
♦ Power supply: 2.4V ~ 3.6V
♦ Memory Size: 8M-bit
♦ Totally static operation
♦ Embedded a standard 8-bit bus interface compatible with SNL310 or a 8-bit AD (address/data) bus interface compatible with SNC710
♦ Access time: 150ns @3V




Similar Part No. - SNR008

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SNR008 SONIX-SNR008_05 Datasheet
190Kb / 9P
8M-bit Mask ROM
More results


Similar Description - SNR008

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX23C8100 MCNIX-MX23C8100 Datasheet
731Kb / 9P
8M-BIT MASK ROM (8/16 BIT OUTPUT)
MX23L8000 MCNIX-MX23L8000 Datasheet
329Kb / 7P
8M-BIT MASK ROM (8 BIT OUTPUT)
MX23L8100 MCNIX-MX23L8100 Datasheet
733Kb / 9P
8M-BIT MASK ROM(8/16 BIT OUTPUT)
logo
Samsung semiconductor
KM23V8105D SAMSUNG-KM23V8105D Datasheet
91Kb / 5P
8M-Bit (1Mx8 /512Kx16) CMOS MASK ROM
logo
Macronix International
MX23L8051 MCNIX-MX23L8051 Datasheet
217Kb / 13P
8M-BIT [8M x 1] CMOS SERIAL MASK-ROM
MX23L8102 MCNIX-MX23L8102 Datasheet
156Kb / 6P
8M-BIT MASK ROM
MX23L8103 MCNIX-MX23L8103 Datasheet
309Kb / 8P
8M-BIT MASK ROM
MX23L8111 MCNIX-MX23L8111 Datasheet
772Kb / 11P
8M-BIT MASK ROM(8/16 BIT OUTPUT)
logo
SONiX Technology Compan...
SNR008 SONIX-SNR008_05 Datasheet
190Kb / 9P
8M-bit Mask ROM
logo
Generalplus Technology ...
GPR23L800D GENERALPLUS-GPR23L800D Datasheet
354Kb / 8P
8M-BIT MASK ROM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com