Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNR008 Datasheet(PDF) 3 Page - SONiX Technology Company

Part # SNR008
Description  8M-bit Mask ROM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNR008 Datasheet(HTML) 3 Page - SONiX Technology Company

  SNR008 Datasheet HTML 1Page - SONiX Technology Company SNR008 Datasheet HTML 2Page - SONiX Technology Company SNR008 Datasheet HTML 3Page - SONiX Technology Company SNR008 Datasheet HTML 4Page - SONiX Technology Company SNR008 Datasheet HTML 5Page - SONiX Technology Company SNR008 Datasheet HTML 6Page - SONiX Technology Company SNR008 Datasheet HTML 7Page - SONiX Technology Company SNR008 Datasheet HTML 8Page - SONiX Technology Company SNR008 Datasheet HTML 9Page - SONiX Technology Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
SNR008
8M-bit Mask ROM
1. INTRODUCTION
The SNR008 is a signal power, 8M-bit, read only memory. It is organized as 1M bytes,
operates for single 3V power supply, support static standby mode. The SNR008
embedded two different interfaces, one is a standard 8-bit interface bus which
compatible with SNL310, another one is a special 8-bit AD (address/data) bus which
compatible with SNC710.
SNR008 offers automatic power-down, with power-down controlled by the chip enable
“CE\”. When chip enable goes to high, SNR008 will entry power-down mode in order to
save the power consumption.
2. FEATURES
Power supply: 2.4V ~ 3.6V
♦
♦
♦
♦
♦
Memory Size: 8M-bit
Totally static operation
Embedded a standard 8-bit bus interface compatible with SNL310 or a 8-bit AD
(address/data) bus interface compatible with SNC710
Access time: 200ns @3V
3. PIN ASSIGNMENTS
Symbol
I/O
Standard ROM interface
AD Bus interface
TYPE
I 1: Standard ROM type
0: AD Bus interface
A[8..19]
I Standard ROM Address [8..19]
NC
A[7]
I Standard ROM Address A7
TESTM
A[6]
I Standard ROM Address A6
Bank Select 4
A[5]
I Standard ROM Address A5
Bank Select 3
A[4]
I Standard ROM Address A4
Bank Select 2
A[3]
I Standard ROM Address A3
Bank Select 1
A[2]
I Standard ROM Address A2
Bank Select 0
A[1]
I Standard ROM Address A1
ALECLK
A[0]
I Standard ROM Address A0
READY
D[0..7]
I/O Standard ROM Data [0..7]
Address/Data bus [0..7]
CEB
I Standard ROM Chip Enable
Chip Enable
OEB
I Standard ROM Output Enable
NC
VDD
P 3.3volt Positive Power supply
3.3volt Positive Power supply
GND
P Ground
Ground
Ver. 1.3
August 29, 2003
3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com