Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNR016 Datasheet(PDF) 5 Page - SONiX Technology Company

Part # SNR016
Description  16M-bit Mask ROM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNR016 Datasheet(HTML) 5 Page - SONiX Technology Company

  SNR016 Datasheet HTML 1Page - SONiX Technology Company SNR016 Datasheet HTML 2Page - SONiX Technology Company SNR016 Datasheet HTML 3Page - SONiX Technology Company SNR016 Datasheet HTML 4Page - SONiX Technology Company SNR016 Datasheet HTML 5Page - SONiX Technology Company SNR016 Datasheet HTML 6Page - SONiX Technology Company SNR016 Datasheet HTML 7Page - SONiX Technology Company SNR016 Datasheet HTML 8Page - SONiX Technology Company SNR016 Datasheet HTML 9Page - SONiX Technology Company  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
SNR016
16M-bit Mask ROM
5. ABSOLUTE MAXIMUM RATINGS
Items
Symbol
Min
Max
Unit.
Supply Voltage
VDD-V
-0.3
3.6
V
Input Voltage
VIN
GND-0.3
VDD+0.3
V
Operating Temperature
TOP
0
55
oC
Storage Temperature
TSTG
-55.0
125.0
oC
6. ELECTRICAL CHARACTERISTICS
Item
Sym.
Min.
Typ.
Max.
Unit
Condition
Operating Voltage
VDD
2.4
-
3.6
V
Standby current
ISBY
-
1.5
2.0
uA
VDD=3V, no load
Operating Current
IOPR
-
4
-
mA
VDD=3V, no load
Address access time
tAA
-
-
150
ns
Vdd=3V
Ver. 1.4
October 21, 2005
5



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com