Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNR016 Datasheet(PDF) 2 Page - SONiX Technology Company

Part # SNR016
Description  16M-bit Mask ROM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNR016 Datasheet(HTML) 2 Page - SONiX Technology Company

  SNR016 Datasheet HTML 1Page - SONiX Technology Company SNR016 Datasheet HTML 2Page - SONiX Technology Company SNR016 Datasheet HTML 3Page - SONiX Technology Company SNR016 Datasheet HTML 4Page - SONiX Technology Company SNR016 Datasheet HTML 5Page - SONiX Technology Company SNR016 Datasheet HTML 6Page - SONiX Technology Company SNR016 Datasheet HTML 7Page - SONiX Technology Company SNR016 Datasheet HTML 8Page - SONiX Technology Company SNR016 Datasheet HTML 9Page - SONiX Technology Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
SNR016
16M-bit Mask ROM
AMENDENT HISTORY
Version
Date
Description
Ver 1.0
April 21, 2003
V1.0 first issue
Ver 1.1
July 30, 2003
V1.1 Modify operation current from typ.4mA -> MAX.4mA
Ver 1.2
January 14, 2004
V1.2 Modify “TYPE” setting.
Ver 1.3
March 17, 2004
V1.3 Modify Application circuit of AD Bus Interface.
Ver 1.4
October 21, 2005
V1.4 Modify Supply Voltage from Max 6V to Max 3.6V
Ver. 1.4
October 21, 2005
2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com