Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNR032 Datasheet (PDF) - SONiX Technology Company

SNR032 Datasheet PDF - SONiX Technology Company
Part # SNR032
Download  SNR032 Download
File Size   250.24 Kbytes
Page   10 Pages
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company
Description 32M-bit Mask ROM

SNR032 Datasheet (PDF)

Go To PDF Page Download Datasheet
SNR032 Datasheet PDF - SONiX Technology Company

Part # SNR032
Download  SNR032 Click to download

File Size   250.24 Kbytes
Page   10 Pages
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company
Description 32M-bit Mask ROM

SNR032 Datasheet (HTML) - SONiX Technology Company


SNR032 Product details

INTRODUCTION
The SNR032 is a signal power, 32M-bit, read only memory. It is organized as 4M bytes, operates for single 3V power supply, support static standby mode. The SNR032 embedded two different interfaces, one is a standard 8-bit/16-bit interface bus which compatible with SNL310, another one is a special 8-bit AD (address/data) bus which compatible with SNC710.
SNR032 offers automatic power-down, with power-down controlled by the chip enable “CEB”. When chip enable goes to high, SNR032 will entry power-down mode in order to save the power consumption.

FEATURES
♦ Power supply: 2.4V ~ 3.6V
♦ Memory Size: 32M-bit
♦ Totally static operation
♦ Embedded a standard 8-bit/16-bit bus interface compatible with SNL310 or a 8-bit AD (address/data) bus interface compatible with SNC710
♦ Access time: 200ns @3V




Similar Part No. - SNR032

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SNR008 SONIX-SNR008 Datasheet
324Kb / 9P
8M-bit Mask ROM
SNR008 SONIX-SNR008_05 Datasheet
190Kb / 9P
8M-bit Mask ROM
SNR016 SONIX-SNR016 Datasheet
179Kb / 9P
16M-bit Mask ROM
More results


Similar Description - SNR032

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX23L3222 MCNIX-MX23L3222 Datasheet
37Kb / 6P
32M-BIT MASK ROM (16/32 BIT OUTPUT)
logo
Samsung semiconductor
K3P6C2000B-SC SAMSUNG-K3P6C2000B-SC Datasheet
63Kb / 4P
32M-Bit (2Mx16 /1Mx32) CMOS MASK ROM
KM23V32005BG SAMSUNG-KM23V32005BG Datasheet
87Kb / 5P
32M-Bit (4Mx8/2Mx16) COMS MASK ROM
logo
Macronix International
MX23L3212 MCNIX-MX23L3212 Datasheet
156Kb / 6P
32M-BIT MASK ROM
MX23L3213 MCNIX-MX23L3213 Datasheet
181Kb / 6P
32M-BIT MASK ROM
MX23L3214 MCNIX-MX23L3214 Datasheet
435Kb / 9P
32M-BIT MASK ROM
MX23L3216 MCNIX-MX23L3216 Datasheet
39Kb / 5P
32M-BIT MASK ROM
MX23C3210 MCNIX-MX23C3210_99 Datasheet
118Kb / 8P
32M-BIT MASK ROM (8/16-BIT OUTPUT)
logo
Generalplus Technology ...
GPR23L3200E GENERALPLUS-GPR23L3200E Datasheet
238Kb / 10P
32M-BIT MASK ROM
GPR23L3211E GENERALPLUS-GPR23L3211E Datasheet
302Kb / 10P
32M-Bit Page Mode Mask Rom
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com