Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNR032 Datasheet(PDF) 6 Page - SONiX Technology Company

Part # SNR032
Description  32M-bit Mask ROM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNR032 Datasheet(HTML) 6 Page - SONiX Technology Company

Back Button SNR032 Datasheet HTML 2Page - SONiX Technology Company SNR032 Datasheet HTML 3Page - SONiX Technology Company SNR032 Datasheet HTML 4Page - SONiX Technology Company SNR032 Datasheet HTML 5Page - SONiX Technology Company SNR032 Datasheet HTML 6Page - SONiX Technology Company SNR032 Datasheet HTML 7Page - SONiX Technology Company SNR032 Datasheet HTML 8Page - SONiX Technology Company SNR032 Datasheet HTML 9Page - SONiX Technology Company SNR032 Datasheet HTML 10Page - SONiX Technology Company  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
SNR032
32M-bit Mask ROM
7.
Application circuit
7.1
AD Bus Interface (with SNC710)
CVDD
VDD
47uF
330
330
330
330
330
VDD
J1
CON18
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
15pF
220K
0.1uF
32768
15pF
SPEAKER
TR4
TR3
TR2
TR1
TR5
TR6
TR7
TR8
CVDD
4.7uF
U2
SNC710
VDD
9
VDD
45
VDD
58
CVDD
12
RST
51
BP0
44
BN0
46
VO
24
XIN
26
XOUT
27
LXIN
22
LXOUT
21
TEST
49
CKSEL
48
P0.0
50
P0.1
54
P0.2
55
P0.3
56
P0.4
57
P0.5
60
P0.6
61
P0.7
62
P0.8
1
P0.9
2
P0.10
3
P0.11
4
P0.12
5
P0.13
6
P0.14
7
P0.15
8
P1.0
10
P1.1
11
P1.2
14
P1.3
15
P1.4
16
P1.5
17
P1.6
18
P1.7
19
AGND
25
AVDD
23
CVDD
53
AD0
42
AD1
41
AD2
40
AD3
39
AD4
37
AD5
36
AD6
35
CE_
32
CEIN_
31
READY
30
ALE_CLK
29
CLKIN
28
AD7
34
CVDD
33
EXTM
20
J2
CON18
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
1.5V
330
330
330
75K
VDD
110K
3V
VDD
(0x0200000~0x03FFFFF)
C8
0.1uF
VCC
U1
SNR032
TYPE
11
OEB
13
VDD
40
A8
14
A9
15
A10
16
A11
17
A12
18
A13
19
A14
20
A15
21
A16
22
A17
23
A19
25
AD0/D0
31
AD1/D1
32
AD2/D2
33
AD3/D3
34
AD4/D4
35
AD5/D5
36
AD6/D6
37
AD7/D7
38
VDD
27
CEB
1
READYB/A0
3
ALECLK/A1
4
A2
5
A3
6
BS2/A4
7
BS3/A5
8
BS4/A6
9
A7
10
A18
24
MODE
12
VDD
50
D8
41
D9
42
D10
43
D11
44
D12
45
D13
46
D14
47
D15
48
A20
26
A21
51
CVDD
CVDD
CVDD
VDD5V
VDD3V
CEB
READY
AD7
AD6
AD5
AD4
AD3
AD2
AD1
AD0
CVDD
AD0
AD1
AD2
AD3
AD4
AD5
AD6
AD7
CEB
READY
ALECLK
ALECLK
VDD3V
CVDD
VDD5V
VDD
AD0
AD1
AD2
AD3
AD4
AD5
AD6
AD7
CEB
READY
ALECLK
CVDD
READY
ALECLK
AD0
AD1
AD2
AD3
AD4
AD5
AD6
AD7
CEB
OEB
CVDD
VDD5V
VDD3V
CEB
READY
AD6
AD7
AD5
AD4
AD3
AD2
AD0
AD1
CVDD
AD2
AD1
AD0
AD5
AD4
AD3
AD7
AD6
READY
CEB
ALECLK
ALECLK
CVDD
READY
ALECLK
AD0
AD1
AD2
AD3
AD4
AD7
AD6
AD5
CEB
VDD3V
OEB
CVDD
VDD5V
VDD
AD0
AD2
AD1
AD3
AD4
AD7
AD6
AD5
CEB
READY
ALECLK
CVDD
ALECLK
READY
AD2
AD1
AD0
AD5
AD4
AD3
AD7
AD6
OEB
CEB
CVDD
VDD
47uF
330
330
330
330
330
J1
CON18
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
VDD
15pF
220K
0.1uF
32768
15pF
SPEAKER
TR4
TR3
TR2
TR1
TR5
TR6
TR7
TR8
4.7uF
CVDD
U2
SNC710
VDD
9
VDD
45
VDD
58
CVDD
12
RST
51
BP0
44
BN0
46
VO
24
XIN
26
XOUT
27
LXIN
22
LXOUT
21
TEST
49
CKSEL
48
P0.0
50
P0.1
54
P0.2
55
P0.3
56
P0.4
57
P0.5
60
P0.6
61
P0.7
62
P0.8
1
P0.9
2
P0.10
3
P0.11
4
P0.12
5
P0.13
6
P0.14
7
P0.15
8
P1.0
10
P1.1
11
P1.2
14
P1.3
15
P1.4
16
P1.5
17
P1.6
18
P1.7
19
AGND
25
AVDD
23
CVDD
53
AD0
42
AD1
41
AD2
40
AD3
39
AD4
37
AD5
36
AD6
35
CE_
32
CEIN_
31
READY
30
ALE_CLK
29
CLKIN
28
AD7
34
CVDD
33
EXTM
20
J2
CON18
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
1.5V
330
330
330
75K
110K
VDD
3V
U3
SNR032
TYPE
11
OEB
13
VDD
40
A8
14
A9
15
A10
16
A11
17
A12
18
A13
19
A14
20
A15
21
A16
22
A17
23
A19
25
AD0/D0
31
AD1/D1
32
AD2/D2
33
AD3/D3
34
AD4/D4
35
AD5/D5
36
AD6/D6
37
AD7/D7
38
VDD
27
CEB
1
READYB/A0
3
ALECLK/A1
4
A2
5
A3
6
BS2/A4
7
BS3/A5
8
BS4/A6
9
A7
10
A18
24
MODE
12
VDD
50
D8
41
D9
42
D10
43
D11
44
D12
45
D13
46
D14
47
D15
48
A20
26
A21
51
VDD
(0x0200000~0x03FFFFF)
(0x0400000~0x05FFFFF)
C8
0.1uF
VCC
C9
0.1uF
VCC
U1
SNR032
TYPE
11
OEB
13
VDD
40
A8
14
A9
15
A10
16
A11
17
A12
18
A13
19
A14
20
A15
21
A16
22
A17
23
A19
25
AD0/D0
31
AD1/D1
32
AD2/D2
33
AD3/D3
34
AD4/D4
35
AD5/D5
36
AD6/D6
37
AD7/D7
38
VDD
27
CEB
1
READYB/A0
3
ALECLK/A1
4
A2
5
A3
6
BS2/A4
7
BS3/A5
8
BS4/A6
9
A7
10
A18
24
MODE
12
VDD
50
D8
41
D9
42
D10
43
D11
44
D12
45
D13
46
D14
47
D15
48
A20
26
A21
51
CVDD
CVDD
CVDD
CVDD
Ver. 1.2
October 21, 2005
6



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com