Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNR032 Datasheet(PDF) 8 Page - SONiX Technology Company

Part # SNR032
Description  32M-bit Mask ROM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNR032 Datasheet(HTML) 8 Page - SONiX Technology Company

Back Button SNR032 Datasheet HTML 2Page - SONiX Technology Company SNR032 Datasheet HTML 3Page - SONiX Technology Company SNR032 Datasheet HTML 4Page - SONiX Technology Company SNR032 Datasheet HTML 5Page - SONiX Technology Company SNR032 Datasheet HTML 6Page - SONiX Technology Company SNR032 Datasheet HTML 7Page - SONiX Technology Company SNR032 Datasheet HTML 8Page - SONiX Technology Company SNR032 Datasheet HTML 9Page - SONiX Technology Company SNR032 Datasheet HTML 10Page - SONiX Technology Company  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
SNR032
32M-bit Mask ROM
Device No.
Start address
End Address
Memory Size
1
st external
device(CS0)
0x0200000
0x03FFFFF
2M words
2
nd external
device(CS1)
0x0400000
0x07FFFFF
4M words
3
rd external
device(CS2)
0x0800000
0x0BFFFFF
4M words
4
th external
device(CS3)
0x0C00000
0x0FFFFFF
4M words
VDD
C1
15pF
C2
15pF
C10
47uF
VDD
R1
220K
C4
0.1uF
VDD
VDD
C5
15pF
C7
15pF
U1
SNL310
VDD
3
VDD
19
VDD
37
VDD
48
CVDD
85
CVDD
26
GND
5
GND
17
GND
28
GND
41
GND
46
RST
83
BP0
47
BN0
49
VO
4
XIN
6
XOUT
7
LXIN
2
LXOUT
1
TESTM
53
CKSEL
52
P2.0
90
P2.1
89
P2.2
88
P2.3
87
P2.4
86
P2.5
82
P2.6
81
P2.7
80
P2.8
78
P2.9
77
P2.10
76
P2.11
75
P2.12
74
P2.13
73
P2.14
72
P2.15
71
GND
50
GND
84
P3.0
70
P3.1
69
P3.2
68
P3.3
67
P3.4
66
P3.5
65
P3.6
64
P3.7
63
P3.8
61
P3.9
59
P3.10
58
P3.11
57
P3.12
56
P3.13
55
P3.14
54
P3.15
51
P5.0
25
P5.1
24
P5.2
23
P5.3
22
P5.4
21
P5.5
20
P5.6
18
P5.7
16
P5.8
15
P5.9
14
P5.10
13
P5.11
12
P5.12
11
P5.13
10
P5.14
9
P5.15
8
VDD
60
VDD
79
VDD
1.5V
VDD
1.5V
C3
4.7uF
C6
0.1uF
VDD
C3
104
U5
74AC138
A0
1
A1
2
A2
3
E3
6
E1_
4
E2_
5
Y0
15
Y1
14
Y2
13
Y3
12
Y4
11
Y5
10
Y6
9
Y7
7
(0x0400000~0x05FFFFF)
(0x0600000~0x07FFFFF)
U2
SNR032
TYPE
11
OEB
13
VDD
40
A8
14
A9
15
A10
16
A11
17
A12
18
A13
19
A14
20
A15
21
A16
22
A17
23
A19
25
AD0/D0
31
AD1/D1
32
AD2/D2
33
AD3/D3
34
AD4/D4
35
AD5/D5
36
AD6/D6
37
AD7/D7
38
VDD
27
CEB
1
READYB/A0
3
ALECLK/A1
4
A2
5
A3
6
BS2/A4
7
BS3/A5
8
BS4/A6
9
A7
10
A18
24
MODE
12
VDD
50
D8
41
D9
42
D10
43
D11
44
D12
45
D13
46
D14
47
D15
48
A20
26
A21
28
VDD
C6
0.1uF
VDD
U2
SNR032
TYPE
11
OEB
13
VDD
40
A8
14
A9
15
A10
16
A11
17
A12
18
A13
19
A14
20
A15
21
A16
22
A17
23
A19
25
AD0/D0
31
AD1/D1
32
AD2/D2
33
AD3/D3
34
AD4/D4
35
AD5/D5
36
AD6/D6
37
AD7/D7
38
VDD
27
CEB
1
READYB/A0
3
ALECLK/A1
4
A2
5
A3
6
BS2/A4
7
BS3/A5
8
BS4/A6
9
A7
10
A18
24
MODE
12
VDD
50
D8
41
D9
42
D10
43
D11
44
D12
45
D13
46
D14
47
D15
48
A20
26
A21
28
SPEAKER
P2_10
P2_11
P2_12
P2_13
P2_14
P2_15
RST
A16
A17
A18
A19
A20
RDB
D0
D1
D2
D4
D3
D5
D6
RDB
D0
D2
D1
D4
D3
D6
D5
D7
CEB1
A1
A2
A4
A3
A5
A6
A9
A7
A8
A11
A10
A12
A15
A14
A18
A16
A13
A19
A20
A17
CSB1
A_CE_
B_CE_
GND
VCC
A22
CS_
CVDD
GND
GND
A0
A21
A21
RDB
D0
D2
D1
D4
D3
D6
D5
D7
CEB2
A1
A2
A4
A3
A5
A6
A9
A7
A8
A11
A10
A12
A15
A14
A18
A16
A13
A19
A20
A17
A0
CSB2
D7
P2_0
P2_1
P2_2
P2_3
P2_4
P2_5
P2_6
P2_7
P2_8
P2_9
Ver. 1.2
October 21, 2005
8



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com