Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNR032 Datasheet(PDF) 3 Page - SONiX Technology Company

Part # SNR032
Description  32M-bit Mask ROM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNR032 Datasheet(HTML) 3 Page - SONiX Technology Company

  SNR032 Datasheet HTML 1Page - SONiX Technology Company SNR032 Datasheet HTML 2Page - SONiX Technology Company SNR032 Datasheet HTML 3Page - SONiX Technology Company SNR032 Datasheet HTML 4Page - SONiX Technology Company SNR032 Datasheet HTML 5Page - SONiX Technology Company SNR032 Datasheet HTML 6Page - SONiX Technology Company SNR032 Datasheet HTML 7Page - SONiX Technology Company SNR032 Datasheet HTML 8Page - SONiX Technology Company SNR032 Datasheet HTML 9Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
SNR032
32M-bit Mask ROM
1.
INTRODUCTION
The SNR032 is a signal power, 32M-bit, read only memory. It is organized as 4M bytes,
operates for single 3V power supply, support static standby mode. The SNR032
embedded two different interfaces, one is a standard 8-bit/16-bit interface bus which
compatible with SNL310, another one is a special 8-bit AD (address/data) bus which
compatible with SNC710.
SNR032 offers automatic power-down, with power-down controlled by the chip enable
“CEB”. When chip enable goes to high, SNR032 will entry power-down mode in order
to save the power consumption.
2.
FEATURES
Power supply: 2.4V ~ 3.6V
Memory Size: 32M-bit
Totally static operation
Embedded a standard 8-bit/16-bit bus interface compatible with SNL310 or a 8-bit
AD (address/data) bus interface compatible with SNC710
Access time: 200ns @3V
3.
PIN ASSIGNMENTS
Symbol
IO
Standard Interface
AD Bus Interface
TYPE
I
Bus mode select pin
“1”->AD bus
“0” for 8-bit/16-bit interface
“1”: AD bus mode
“0”: Standard mode
MODE
I
Bus mode select pin
“0”->byte mode
“1” word mode interface
-
A[21..8]
I
Standard ROM A[21..8]
-
A[[7]
I
Standard ROM A[7] / TESTM
TESTM
A[6]
I
Standard ROM A[6] / BS4 ~ BS2
BS4
A[5]
I
Standard ROM A[5] / BS4 ~ BS2
BS3
A[4]
I
Standard ROM A[4] / BS4 ~ BS2
BS2
A[3..2]
I
Standard ROM A[3..2]
-
A[1]
I
Standard ROM A[1]
ALECLK
A[0]
I
Standard ROM A[0]
READY
D[8..15]
I/O Data bus D[8..15]
(for word mode only)
-
D[0..7]
I/O Data bus D[0..7]
AD-Bus D[0..7]
CEB
I
Chip enable pin
Chip enable pin
OEB
I
Output enable pin
-
VDD
P Positive Power supply (3.3volt)
Positive Power supply (3.3volt)
GND
P Negative Power supply (3.3volt)
Negative Power supply (3.3volt)
Ver. 1.2
October 21, 2005
3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com