Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNR032 Datasheet(PDF) 4 Page - SONiX Technology Company

Part # SNR032
Description  32M-bit Mask ROM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNR032 Datasheet(HTML) 4 Page - SONiX Technology Company

  SNR032 Datasheet HTML 1Page - SONiX Technology Company SNR032 Datasheet HTML 2Page - SONiX Technology Company SNR032 Datasheet HTML 3Page - SONiX Technology Company SNR032 Datasheet HTML 4Page - SONiX Technology Company SNR032 Datasheet HTML 5Page - SONiX Technology Company SNR032 Datasheet HTML 6Page - SONiX Technology Company SNR032 Datasheet HTML 7Page - SONiX Technology Company SNR032 Datasheet HTML 8Page - SONiX Technology Company SNR032 Datasheet HTML 9Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
SNR032
32M-bit Mask ROM
4.
BUS INTERFACE
SNR032 provides three different bus modes to connect to host CPU, AD-bus mode,
byte mode and word mode. And the switching between different modes is depended
on the pin option “TYPE” and “MODE”. The following table is shown the relation ship of
“TYPE”, “MODE” pins and mode switching.
Mode
TYPE pin
MODE pin
AD-Bus Interface
VDD
Don’t care
Byte Mode Interface
GND
GND
Word Mode Interface
GND
VDD
4.1
AD-Bus Interface
For 8-bit AD (address/data) bus interface, all the address and data communication
between SNC710 and SNR032 are through data bus D[0..7]. SNC710 allows user to
connect maximum 2 external mask ROM. The option pin “TYPE” must connected to
VDD then the AD-bus interface to be enable. In AD-Bus mode, SNR032 has three
bank select pins BS2~BS4 to specify the memory region of SNR032. The address
region setting of SNR032 is shown as bellow.
BS4~BS2
Address Region
001
0x0200000 ~ 0x03FFFFF
010
0x0400000 ~ 0x05FFFFF
011
0x0600000 ~ 0x07FFFFF
100
0x0800000 ~ 0x09FFFFF
101
0x0A00000 ~ 0x0BFFFFF
110
0x0C00000 ~ 0x0DFFFFF
111
0x0E00000 ~ 0x0FFFFFF
Table-1
Note: For the address region 0x00000~0x01FFFFF are reserved, so the setting
of bank select pins BS4~BS2 CAN’T be the range 0000~0x0011.
Ver. 1.2
October 21, 2005
4



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com