Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBE812 Datasheet (PDF) - Sanyo Semicon Device

SBE812 Datasheet PDF - Sanyo Semicon Device
Part # SBE812
Download  SBE812 Download
File Size   37.71 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Schottky Barrier Diode 60V, 1.0A Rectifier

SBE812 Datasheet (PDF)

Go To PDF Page Download Datasheet
SBE812 Datasheet PDF - Sanyo Semicon Device

Part # SBE812
Download  SBE812 Click to download

File Size   37.71 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Schottky Barrier Diode 60V, 1.0A Rectifier

SBE812 Datasheet (HTML) - Sanyo Semicon Device


SBE812 Product details

60V, 1.0A Rectifier

Features
• Small switching noise.
• Low leakage current and high reliability due to highly reliable planar structure.
• Ultrasmall package allows applied sets to be made small and thin.

Applications
• High frequency rectification (switching regulators, converters, choppers).




Similar Part No. - SBE812

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SBE812 ONSEMI-SBE812 Datasheet
316Kb / 6P
Schottky Barrier Diode
September, 2013
SBE812-TL-E ONSEMI-SBE812-TL-E Datasheet
316Kb / 6P
Schottky Barrier Diode
September, 2013
More results


Similar Description - SBE812

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SK12 MOSPEC-SK12 Datasheet
228Kb / 3P
SCHOTTKY BARRIER RECTIFIERS(1.0A,20-60V)
SR102 MOSPEC-SR102 Datasheet
223Kb / 3P
SCHOTTKY BARRIER RECTIFIERS(1.0A,20-60V)
SR12 MOSPEC-SR12 Datasheet
223Kb / 3P
SCHOTTKY BARRIER RECTIFIERS(1.0A,20-60V)
logo
Won-Top Electronics
SB120 WTE-SB120 Datasheet
50Kb / 3P
1.0A SCHOTTKY BARRIER RECTIFIER
logo
Sanyo Semicon Device
SB1003M3 SANYO-SB1003M3 Datasheet
32Kb / 3P
Schottky Barrier Diode 30V, 1.0A Rectifier
SBE807 SANYO-SBE807 Datasheet
56Kb / 3P
Schottky Barrier Diode 30V, 1.0A Rectifier
logo
Gulf Semiconductor
SB120E GULFSEMI-SB120E Datasheet
97Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 20 TO 60V CURRENT: 1.0A
SB120 GULFSEMI-SB120 Datasheet
96Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 20 TO 60V CURRENT: 1.0A
logo
Unisonic Technologies
MBR145 UTC-MBR145 Datasheet
148Kb / 3P
1.0A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
SB120 DIODES-SB120_15 Datasheet
87Kb / 3P
1.0A SCHOTTKY BARRIER RECTIFIER
Rev erse
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com