Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SK12 Datasheet (PDF) - Mospec Semiconductor

SK12 Datasheet PDF - Mospec Semiconductor
Part # SK12
Download  SK12 Download
File Size   228.25 Kbytes
Page   3 Pages
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor
Description SCHOTTKY BARRIER RECTIFIERS(1.0A,20-60V)

SK12 Datasheet (PDF)

Go To PDF Page Download Datasheet
SK12 Datasheet PDF - Mospec Semiconductor

Part # SK12
Download  SK12 Click to download

File Size   228.25 Kbytes
Page   3 Pages
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor
Description SCHOTTKY BARRIER RECTIFIERS(1.0A,20-60V)

SK12 Datasheet (HTML) - Mospec Semiconductor


SK12 Product details

Surface Mount Schottky Barrier Rectifiers

Using the Schottky Barrier principle with a Molybdenum barrier metal. These state-of-the-art geometry features epitaxial construction with oxide passivation metal overlay contact.

* Low Forward Voltag.
* Low Switching noise.
* High Current Capacity
* Guarantee Reverse Avalance
* Guard-Ring for Stress Protection
* Low Power Loss & High efficiency.
* 125°C Operating Junction Temperature
* Low Stored Charge Majority Carrier Conduction
* Plastic Material used Carries Underwriters Laboratory
   Flammability Classification 94V-O




Similar Part No. - SK12

ManufacturerPart #DatasheetDescription
logo
Surge Components
SK12 SURGE-SK12 Datasheet
71Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE - 20 to 100 Volts CURRENT - 1.0 Ampere???
logo
Won-Top Electronics
SK12 WTE-SK12 Datasheet
42Kb / 3P
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Jinan Gude Electronic D...
SK12 JGD-SK12 Datasheet
299Kb / 4P
1.0 AMP. SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Shanghai Sunrise Electr...
SK12 SSE-SK12 Datasheet
17Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Dc Components
SK12 DCCOM-SK12 Datasheet
489Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Similar Description - SK12

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SM17 MOSPEC-SM17 Datasheet
230Kb / 3P
SCHOTTKY BARRIER RECTIFIERS(1.0A,20-40V)
SR102 MOSPEC-SR102 Datasheet
223Kb / 3P
SCHOTTKY BARRIER RECTIFIERS(1.0A,20-60V)
SR12 MOSPEC-SR12 Datasheet
223Kb / 3P
SCHOTTKY BARRIER RECTIFIERS(1.0A,20-60V)
SR202 MOSPEC-SR202 Datasheet
222Kb / 3P
SCHOTTKY BARRIER RECTIFIERS(2.0A,20-60V)
SR22 MOSPEC-SR22 Datasheet
224Kb / 3P
SCHOTTKY BARRIER RECTIFIERS(2.0A,20-60V)
SR302 MOSPEC-SR302 Datasheet
232Kb / 3P
SCHOTTKY BARRIER RECTIFIERS(3.0A,20-60V)
SR32 MOSPEC-SR32 Datasheet
232Kb / 3P
SCHOTTKY BARRIER RECTIFIERS(3.0A,20-60V)
SR502 MOSPEC-SR502 Datasheet
227Kb / 3P
SCHOTTKY BARRIER RECTIFIERS(5.0A,20-60V)
SR52 MOSPEC-SR52 Datasheet
227Kb / 3P
SCHOTTKY BARRIER RECTIFIERS(5.0A,20-60V)
logo
Leshan Radio Company
LMBR120LFT1G LRC-LMBR120LFT1G Datasheet
428Kb / 11P
Schottky Barrier Rectifiers Reverse Voltage 20 to 60V Forward Current 1.0A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com