Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SR52 Datasheet (PDF) - Mospec Semiconductor

SR52 Datasheet PDF - Mospec Semiconductor
Part # SR52
Download  SR52 Download
File Size   227.39 Kbytes
Page   3 Pages
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor
Description SCHOTTKY BARRIER RECTIFIERS(5.0A,20-60V)

SR52 Datasheet (PDF)

Go To PDF Page Download Datasheet
SR52 Datasheet PDF - Mospec Semiconductor

Part # SR52
Download  SR52 Click to download

File Size   227.39 Kbytes
Page   3 Pages
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor
Description SCHOTTKY BARRIER RECTIFIERS(5.0A,20-60V)

SR52 Datasheet (HTML) - Mospec Semiconductor


SR52 Product details

Surface Mount Schottky Barrier Rectifiers

SCHOTTKY BARRIER RECTIFIERS 5.0 AMPERES 20-60 VOLTS




Similar Part No. - SR52

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
SR52 YEASHIN-SR52 Datasheet
406Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Chip Integration Techno...
SR52 CITC-SR52 Datasheet
457Kb / 3P
5A Leaded Type Schottky Barrier Rectifiers
logo
Won-Top Electronics
SR52 WTE-SR52 Datasheet
52Kb / 4P
5.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
September, 2012
SR52-T3 WTE-SR52-T3 Datasheet
52Kb / 4P
5.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
September, 2012
SR520 WTE-SR520 Datasheet
50Kb / 3P
5.0A SCHOTTKY BARRIER RECTIFIER
More results


Similar Description - SR52

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SK12 MOSPEC-SK12 Datasheet
228Kb / 3P
SCHOTTKY BARRIER RECTIFIERS(1.0A,20-60V)
SR102 MOSPEC-SR102 Datasheet
223Kb / 3P
SCHOTTKY BARRIER RECTIFIERS(1.0A,20-60V)
SR12 MOSPEC-SR12 Datasheet
223Kb / 3P
SCHOTTKY BARRIER RECTIFIERS(1.0A,20-60V)
SR202 MOSPEC-SR202 Datasheet
222Kb / 3P
SCHOTTKY BARRIER RECTIFIERS(2.0A,20-60V)
SR22 MOSPEC-SR22 Datasheet
224Kb / 3P
SCHOTTKY BARRIER RECTIFIERS(2.0A,20-60V)
SR302 MOSPEC-SR302 Datasheet
232Kb / 3P
SCHOTTKY BARRIER RECTIFIERS(3.0A,20-60V)
SR32 MOSPEC-SR32 Datasheet
232Kb / 3P
SCHOTTKY BARRIER RECTIFIERS(3.0A,20-60V)
SR502 MOSPEC-SR502 Datasheet
227Kb / 3P
SCHOTTKY BARRIER RECTIFIERS(5.0A,20-60V)
SR57 MOSPEC-SR57 Datasheet
226Kb / 3P
SCHOTTKY BARRIER RECTIFIERS(5.0A,70-100V)
logo
Gulf Semiconductor
SB520 GULFSEMI-SB520 Datasheet
90Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 20 TO 60V CURRENT: 5.0A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com