Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SR52 Datasheet (PDF) - Won-Top Electronics

SR52 Datasheet PDF - Won-Top Electronics
Part # SR52
Download  SR52 Download
File Size   52.68 Kbytes
Page   4 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 5.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE

SR52 Datasheet (PDF)

Go To PDF Page Download Datasheet
SR52 Datasheet PDF - Won-Top Electronics

Part # SR52
Download  SR52 Click to download

File Size   52.68 Kbytes
Page   4 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 5.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE

SR52 Datasheet (HTML) - Won-Top Electronics


SR52 Product details

Low Forward Voltage
Epitaxial Construction with Oxide Passivation
Guard Ring for Transient and ESD Protection
Surge Overload Rating to 125A Peak
Low Power Loss
Fast Switching
Ideally Suited for Use in High Frequency
SMPS, Inverters and As Free Wheeling Diodes




Similar Part No. - SR52

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SR52 MOSPEC-SR52 Datasheet
227Kb / 3P
SCHOTTKY BARRIER RECTIFIERS(5.0A,20-60V)
logo
Yea Shin Technology Co....
SR52 YEASHIN-SR52 Datasheet
406Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Chip Integration Techno...
SR52 CITC-SR52 Datasheet
457Kb / 3P
5A Leaded Type Schottky Barrier Rectifiers
logo
Won-Top Electronics
SR520 WTE-SR520 Datasheet
50Kb / 3P
5.0A SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
SR520 RECTRON-SR520 Datasheet
24Kb / 2P
SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 60 Volts CURRENT 5.0 Amperes)
More results


Similar Description - SR52

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SK52 WTE-SK52 Datasheet
45Kb / 4P
5.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Zibo Seno Electronic En...
SB05T80L ZSELEC-SB05T80L Datasheet
327Kb / 3P
5.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SK52 ZSELEC-SK52 Datasheet
113Kb / 2P
5.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SR0545 ZSELEC-SR0545 Datasheet
224Kb / 3P
5.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SS52 ZSELEC-SS52 Datasheet
144Kb / 2P
5.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SS52BF ZSELEC-SS52BF Datasheet
129Kb / 2P
5.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SS52F ZSELEC-SS52F Datasheet
129Kb / 2P
5.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
50BQ020 ZSELEC-50BQ020 Datasheet
143Kb / 2P
5.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
MB52 ZSELEC-MB52 Datasheet
96Kb / 2P
5.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SR52BF ZSELEC-SR52BF Datasheet
92Kb / 2P
5.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com