Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SK52 Datasheet (PDF) - Zibo Seno Electronic Engineering Co.,Ltd

SK52 Datasheet PDF - Zibo Seno Electronic Engineering Co.,Ltd
Part # SK52
Download  SK52 Download
File Size   113.77 Kbytes
Page   2 Pages
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd
Description 5.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE

SK52 Datasheet (PDF)

Go To PDF Page Download Datasheet
SK52 Datasheet PDF - Zibo Seno Electronic Engineering Co.,Ltd

Part # SK52
Download  SK52 Click to download

File Size   113.77 Kbytes
Page   2 Pages
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd
Description 5.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE

SK52 Datasheet (HTML) - Zibo Seno Electronic Engineering Co.,Ltd


SK52 Product details

Features
● Schottky Barrier Chip
● Ideally Suited for Automatic Assembly
● Low Power Loss, High Efficiency
● Surge Overload Rating to 1 7 5 A Peak
● For Use in Low Voltage Application
● Guard Ring Die Construction
● Plastic Case Material has UL Flammability
   Classification Rating 94V-O




Similar Part No. - SK52

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SK52 PANJIT-SK52 Datasheet
73Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE- 20 to 100 Volts CURRENT- 5.0 Amperes)
logo
Micro Commercial Compon...
SK52 MCC-SK52 Datasheet
93Kb / 3P
5 Amp Schottky Rectifier 20 to 100 Volts
logo
Diotec Semiconductor
SK52 DIOTEC-SK52 Datasheet
54Kb / 2P
Surface Mount Schottky-Rectifiers
SK52 DIOTEC-SK52 Datasheet
100Kb / 2P
Surface Mount Schottky Rectifier Diodes
logo
Won-Top Electronics
SK52 WTE-SK52 Datasheet
45Kb / 4P
5.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results


Similar Description - SK52

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SK52 WTE-SK52 Datasheet
45Kb / 4P
5.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Diodes Incorporated
B520CQ DIODES-B520CQ Datasheet
431Kb / 5P
5.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
January 2016
logo
Zibo Seno Electronic En...
SB05T80L ZSELEC-SB05T80L Datasheet
327Kb / 3P
5.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SR0545 ZSELEC-SR0545 Datasheet
224Kb / 3P
5.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SS52 ZSELEC-SS52 Datasheet
144Kb / 2P
5.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SS52BF ZSELEC-SS52BF Datasheet
129Kb / 2P
5.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SS52F ZSELEC-SS52F Datasheet
129Kb / 2P
5.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
50BQ020 ZSELEC-50BQ020 Datasheet
143Kb / 2P
5.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
MB52 ZSELEC-MB52 Datasheet
96Kb / 2P
5.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SR52BF ZSELEC-SR52BF Datasheet
92Kb / 2P
5.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com