Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SB520 Datasheet (PDF) - Gulf Semiconductor

SB520 Datasheet PDF - Gulf Semiconductor
Part # SB520
Download  SB520 Download
File Size   90.86 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description SCHOTTKY BARRIER RECTIFIER VOLTAGE: 20 TO 60V CURRENT: 5.0A

SB520 Datasheet (PDF)

Go To PDF Page Download Datasheet
SB520 Datasheet PDF - Gulf Semiconductor

Part # SB520
Download  SB520 Click to download

File Size   90.86 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description SCHOTTKY BARRIER RECTIFIER VOLTAGE: 20 TO 60V CURRENT: 5.0A

SB520 Datasheet (HTML) - Gulf Semiconductor


SB520 Product details

VOLTAGE: 20 TO 60V CURRENT: 5.0A

FEATURE
   High current capability, Low forward voltage drop
   Low power loss, high efficiency
   High surge capability
   High temperature soldering guaranteed
   250°C /10sec/0.375" lead length at 5 lbs tension




Similar Part No. - SB520

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB520 PANJIT-SB520 Datasheet
57Kb / 2P
HIGH CURRENT SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 5.0 Amperes)
logo
Transys Electronics
SB520 TRSYS-SB520 Datasheet
165Kb / 2P
HIGH CURRENT SCHOTTKY BARRIER RECTIFIERS
logo
Won-Top Electronics
SB520 WTE-SB520 Datasheet
50Kb / 3P
5.0A SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SB520 ZOWIE-SB520 Datasheet
50Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
SB520 DIODES-SB520 Datasheet
56Kb / 3P
5.0A SCHOTTKY BARRIER RECTIFIER
DS23024 Rev. 6 - 2
More results


Similar Description - SB520

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SR502 MOSPEC-SR502 Datasheet
227Kb / 3P
SCHOTTKY BARRIER RECTIFIERS(5.0A,20-60V)
SR52 MOSPEC-SR52 Datasheet
227Kb / 3P
SCHOTTKY BARRIER RECTIFIERS(5.0A,20-60V)
logo
Gulf Semiconductor
SB120E GULFSEMI-SB120E Datasheet
97Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 20 TO 60V CURRENT: 1.0A
SB120 GULFSEMI-SB120 Datasheet
96Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 20 TO 60V CURRENT: 1.0A
SB220 GULFSEMI-SB220 Datasheet
845Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 20 TO 60V CURRENT: 2.0A
SB320 GULFSEMI-SB320 Datasheet
98Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 20 TO 60V CURRENT: 3.0A
SB580 GULFSEMI-SB580 Datasheet
251Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 80 TO 100V CURRENT: 5.0A
SB820 GULFSEMI-SB820 Datasheet
1Mb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 20 TO 60V CURRENT: 8.0A
SB1020 GULFSEMI-SB1020 Datasheet
432Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 20 TO 60V CURRENT: 10.0A
SB1620CT GULFSEMI-SB1620CT Datasheet
106Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 20 TO 60V CURRENT: 16.0A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com