Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SB580 Datasheet (PDF) - Gulf Semiconductor

SB580 Datasheet PDF - Gulf Semiconductor
Part # SB580
Download  SB580 Download
File Size   251.17 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description SCHOTTKY BARRIER RECTIFIER VOLTAGE: 80 TO 100V CURRENT: 5.0A

SB580 Datasheet (PDF)

Go To PDF Page Download Datasheet
SB580 Datasheet PDF - Gulf Semiconductor

Part # SB580
Download  SB580 Click to download

File Size   251.17 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description SCHOTTKY BARRIER RECTIFIER VOLTAGE: 80 TO 100V CURRENT: 5.0A

SB580 Datasheet (HTML) - Gulf Semiconductor


SB580 Product details

FEATURE
    High current capability, Low forward voltage drop
    Low power loss, high efficiency
    High surge capability
    High temperature soldering guaranteed
    250°C /10sec/0.375" lead length at 5 lbs tension




Similar Part No. - SB580

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB580 PANJIT-SB580 Datasheet
57Kb / 2P
HIGH CURRENT SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 5.0 Amperes)
logo
Transys Electronics
SB580 TRSYS-SB580 Datasheet
165Kb / 2P
HIGH CURRENT SCHOTTKY BARRIER RECTIFIERS
logo
Diodes Incorporated
SB580 DIODES-SB580 Datasheet
56Kb / 2P
5.0A SCHOTTKY BARRIER RECTIFIER
DS30135 Rev. 4 -2
logo
EIC discrete Semiconduc...
SB580 EIC-SB580 Datasheet
62Kb / 2P
SCHOTTKY BARRIER RECTIFIER DIODES
logo
GOOD-ARK Electronics
SB580 GOOD-ARK-SB580 Datasheet
192Kb / 2P
MEDIUM CURRENT SCHOTTKY BARRIER RECTIFIER
More results


Similar Description - SB580

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
SB180 GULFSEMI-SB180 Datasheet
113Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 80 TO 100V CURRENT: 1.0A
SB270 GULFSEMI-SB270 Datasheet
134Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 70 TO 100V CURRENT: 2.0A
SB510 GULFSEMI-SB510 Datasheet
144Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE: 100V CURRENT: 5.0A
SB520 GULFSEMI-SB520 Datasheet
90Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 20 TO 60V CURRENT: 5.0A
SB5150 GULFSEMI-SB5150 Datasheet
115Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 150V CURRENT: 5.0A
SB5200 GULFSEMI-SB5200 Datasheet
249Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 200V CURRENT: 5.0A
SBS5150 GULFSEMI-SBS5150 Datasheet
85Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 150V CURRENT: 5.0A
logo
Leshan Radio Company
SB520 LRC-SB520 Datasheet
204Kb / 7P
Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current 5.0A
SB520-E LRC-SB520-E Datasheet
208Kb / 7P
Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current 5.0A
CSM5100LA LRC-CSM5100LA Datasheet
433Kb / 5P
Schottky Barrier Rectifiers Reverse Voltage 100V Forward Current 5.0A
Rev.A Apr. 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com