Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SB5200 Datasheet (PDF) - Gulf Semiconductor

SB5200 Datasheet PDF - Gulf Semiconductor
Part # SB5200
Download  SB5200 Download
File Size   249.93 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description SCHOTTKY BARRIER RECTIFIER VOLTAGE: 200V CURRENT: 5.0A

SB5200 Datasheet (PDF)

Go To PDF Page Download Datasheet
SB5200 Datasheet PDF - Gulf Semiconductor

Part # SB5200
Download  SB5200 Click to download

File Size   249.93 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description SCHOTTKY BARRIER RECTIFIER VOLTAGE: 200V CURRENT: 5.0A

SB5200 Datasheet (HTML) - Gulf Semiconductor


SB5200 Product details

VOLTAGE: 200V CURRENT: 5.0A

FEATURE
• High current capability, Low forward voltage drop
• Low power loss, high efficiency
• High surge capability
• High temperature soldering guaranteed
• 250°C /10sec/0.375" lead length at 5 lbs tension




Similar Part No. - SB5200

ManufacturerPart #DatasheetDescription
logo
Compact Technology Corp...
SB5200 CTC-SB5200 Datasheet
80Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB5200 CTC-SB5200 Datasheet
81Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Sirectifier Global Corp...
SB5200 SIRECT-SB5200 Datasheet
210Kb / 2P
Power Schottky Rectifier - 5Amp 150~200Volt
logo
Rugao Dachang Electroni...
SB5200 DACHANG-SB5200 Datasheet
117Kb / 2P
PLASTIC SCHOTTKY BARRIER RECTIFIER
logo
Leshan Radio Company
SB5200 LRC-SB5200 Datasheet
172Kb / 7P
Schottky Barrier Rectifiers Reverse Voltage 150V&200V Forward Current 5.0A
More results


Similar Description - SB5200

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
SB580 GULFSEMI-SB580 Datasheet
251Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 80 TO 100V CURRENT: 5.0A
SB5150 GULFSEMI-SB5150 Datasheet
115Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 150V CURRENT: 5.0A
SB10200CT GULFSEMI-SB10200CT Datasheet
113Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 200V CURRENT: 10.0A
SB10200FCT GULFSEMI-SB10200FCT Datasheet
118Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 200V CURRENT: 10.0A
SB20200CT GULFSEMI-SB20200CT Datasheet
127Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 200V CURRENT: 20.0A
SB20200FCT GULFSEMI-SB20200FCT Datasheet
130Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 200V CURRENT: 20.0A
SBS5150 GULFSEMI-SBS5150 Datasheet
85Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 150V CURRENT: 5.0A
logo
Leshan Radio Company
SB5150 LRC-SB5150 Datasheet
172Kb / 7P
Schottky Barrier Rectifiers Reverse Voltage 150V&200V Forward Current 5.0A
logo
AiT Semiconductor Inc.
SM520AF AITSEMI-SM520AF Datasheet
416Kb / 5P
SCHOTTKY BARRIER RECTIFIER REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 5.0A
REV1.0
SM520C AITSEMI-SM520C Datasheet
360Kb / 5P
SCHOTTKY BARRIER RECTIFIER REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 5.0A
REV3.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com