Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SB5200 Datasheet (PDF) - Leshan Radio Company

SB5200 Datasheet PDF - Leshan Radio Company
Part # SB5200
Download  SB5200 Download
File Size   172.67 Kbytes
Page   7 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description Schottky Barrier Rectifiers Reverse Voltage 150V&200V Forward Current 5.0A

SB5200 Datasheet (PDF)

Go To PDF Page Download Datasheet
SB5200 Datasheet PDF - Leshan Radio Company

Part # SB5200
Download  SB5200 Click to download

File Size   172.67 Kbytes
Page   7 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description Schottky Barrier Rectifiers Reverse Voltage 150V&200V Forward Current 5.0A

SB5200 Datasheet (HTML) - Leshan Radio Company


SB5200 Product details

Reverse Voltage 150V&200V Forward Current 5.0A

Feature & Dimensions
* Plastic package has Underwriters Laboratory
   Flammability Classification 94V-0
* Low power loss,high efficiency
* For use in low voltage high frequency inverters, free wheeling,and polarity protection applications
* Guarding for over voltage protection
* High temperature soldering guaranteed: 260°C/10 seconds at terminals




Similar Part No. - SB5200

ManufacturerPart #DatasheetDescription
logo
Compact Technology Corp...
SB5200 CTC-SB5200 Datasheet
80Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB5200 CTC-SB5200 Datasheet
81Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Gulf Semiconductor
SB5200 GULFSEMI-SB5200 Datasheet
249Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 200V CURRENT: 5.0A
logo
Sirectifier Global Corp...
SB5200 SIRECT-SB5200 Datasheet
210Kb / 2P
Power Schottky Rectifier - 5Amp 150~200Volt
logo
Rugao Dachang Electroni...
SB5200 DACHANG-SB5200 Datasheet
117Kb / 2P
PLASTIC SCHOTTKY BARRIER RECTIFIER
More results


Similar Description - SB5200

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
SB580L LRC-SB580L Datasheet
199Kb / 7P
Schottky Barrier Rectifiers Reverse Voltage 80V Forward Current 5.0A
SB3150 LRC-SB3150 Datasheet
202Kb / 7P
Schottky Barrier Rectifiers Reverse Voltage 150V&200V Forward Current 3.0A
SM2150A LRC-SM2150A Datasheet
182Kb / 4P
Schottky Barrier Rectifiers Reverse Voltage 150V Forward Current 2.0A
SM520BF LRC-SM520BF Datasheet
302Kb / 9P
Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A
SM520BF-E LRC-SM520BF-E Datasheet
243Kb / 9P
Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A
SB2150 LRC-SB2150 Datasheet
256Kb / 7P
Schottky Barrier Rectifiers Reverse Voltage 150V&200V Forward Current 2.0A
logo
First Silicon Co., Ltd
SM520AF FS-SM520AF Datasheet
159Kb / 3P
Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A
logo
AiT Semiconductor Inc.
SM520AF AITSEMI-SM520AF Datasheet
416Kb / 5P
SCHOTTKY BARRIER RECTIFIER REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 5.0A
REV1.0
SM520C AITSEMI-SM520C Datasheet
360Kb / 5P
SCHOTTKY BARRIER RECTIFIER REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 5.0A
REV3.1
logo
Leshan Radio Company
CSM5100LA LRC-CSM5100LA Datasheet
433Kb / 5P
Schottky Barrier Rectifiers Reverse Voltage 100V Forward Current 5.0A
Rev.A Apr. 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com