Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SB180 Datasheet (PDF) - Gulf Semiconductor

SB180 Datasheet PDF - Gulf Semiconductor
Part # SB180
Download  SB180 Download
File Size   113.02 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description SCHOTTKY BARRIER RECTIFIER VOLTAGE: 80 TO 100V CURRENT: 1.0A

SB180 Datasheet (PDF)

Go To PDF Page Download Datasheet
SB180 Datasheet PDF - Gulf Semiconductor

Part # SB180
Download  SB180 Click to download

File Size   113.02 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description SCHOTTKY BARRIER RECTIFIER VOLTAGE: 80 TO 100V CURRENT: 1.0A

SB180 Datasheet (HTML) - Gulf Semiconductor


SB180 Product details

SCHOTTKY BARRIER RECTIFIER
VOLTAGE: 80 TO 100V CURRENT: 1.0A

FEATURE
   High current capability, Low forward voltage drop
   Low power loss, high efficiency
   High surge capability
   High temperature soldering guaranteed
   250°C /10sec/0.375" lead length at 5 lbs tension




Similar Part No. - SB180

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB180 PANJIT-SB180 Datasheet
45Kb / 2P
1 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 50 to 100 Volts CURRENT - 1.0 Ampere)
logo
Transys Electronics
SB180 TRSYS-SB180 Datasheet
145Kb / 2P
1 AMPERE SCHOTTKY BARRIER RECTIFIERS
logo
Zowie Technology Corpor...
SB180 ZOWIE-SB180 Datasheet
49Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
SB180 DIODES-SB180 Datasheet
63Kb / 2P
1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30116 Rev. B-1
logo
EIC discrete Semiconduc...
SB180 EIC-SB180 Datasheet
28Kb / 2P
SCHOTTKY BARRIER RECTIFIER DIODES
More results


Similar Description - SB180

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
1N5817 GULFSEMI-1N5817 Datasheet
89Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 20 TO 40V CURRENT: 1.0A
SB10EQ GULFSEMI-SB10EQ Datasheet
427Kb / 3P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 100V CURRENT: 1.0A
SB120E GULFSEMI-SB120E Datasheet
97Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 20 TO 60V CURRENT: 1.0A
SB120 GULFSEMI-SB120 Datasheet
96Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 20 TO 60V CURRENT: 1.0A
SB180-E-41C GULFSEMI-SB180-E-41C Datasheet
146Kb / 3P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 80V CURRENT: 1.0A
SB270 GULFSEMI-SB270 Datasheet
134Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 70 TO 100V CURRENT: 2.0A
SB370 GULFSEMI-SB370 Datasheet
224Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 70 TO 100V CURRENT: 3.0A
SB580 GULFSEMI-SB580 Datasheet
251Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 80 TO 100V CURRENT: 5.0A
logo
Leshan Radio Company
SB120 LRC-SB120_11 Datasheet
375Kb / 7P
Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current 1.0A
SB120-E LRC-SB120-E Datasheet
181Kb / 7P
Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current 1.0A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com