Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SB370 Datasheet (PDF) - Gulf Semiconductor

SB370 Datasheet PDF - Gulf Semiconductor
Part # SB370
Download  SB370 Download
File Size   224.26 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description SCHOTTKY BARRIER RECTIFIER VOLTAGE: 70 TO 100V CURRENT: 3.0A

SB370 Datasheet (PDF)

Go To PDF Page Download Datasheet
SB370 Datasheet PDF - Gulf Semiconductor

Part # SB370
Download  SB370 Click to download

File Size   224.26 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description SCHOTTKY BARRIER RECTIFIER VOLTAGE: 70 TO 100V CURRENT: 3.0A

SB370 Datasheet (HTML) - Gulf Semiconductor


SB370 Product details

FEATURE
    High current capability, Low forward voltage drop
    Low power loss, high efficiency
    High surge capability
    High temperature soldering guaranteed
    250°C /10sec/0.375" lead length at 5 lbs tension




Similar Part No. - SB370

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SB370 DIODES-SB370 Datasheet
60Kb / 2P
3.0A SCHOTTKY BARRIER RECTIFIER
DS30134 Rev. 2 - 2
logo
EIC discrete Semiconduc...
SB370 EIC-SB370 Datasheet
28Kb / 2P
SCHOTTKY BARRIER RECTIFIER DIODES
logo
GOOD-ARK Electronics
SB370 GOOD-ARK-SB370 Datasheet
191Kb / 2P
MEDIUM CURRENT SCHOTTKY BARRIER RECTIFIER
logo
SynSemi, Inc.
SB370 SYNSEMI-SB370 Datasheet
33Kb / 2P
SCHOTTKY BARRIER RECTIFIER DIODES
logo
Diotech Company.
SB370 DIOTECH-SB370 Datasheet
699Kb / 2P
SCHOTTKY BARRIER RECTIFIER
More results


Similar Description - SB370

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SR307 MOSPEC-SR307 Datasheet
232Kb / 3P
SCHOTTKY BARRIER RECTIFIERS(3.0A,70-100V)
SR37 MOSPEC-SR37 Datasheet
227Kb / 3P
SCHOTTKY BARRIER RECTIFIERS(3.0A,70-100V)
logo
Gulf Semiconductor
1N5820 GULFSEMI-1N5820 Datasheet
99Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 20 TO 40V CURRENT: 3.0A
SB340-E GULFSEMI-SB340-E Datasheet
96Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 40 to 60V CURRENT: 3.0A
SB270 GULFSEMI-SB270 Datasheet
134Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 70 TO 100V CURRENT: 2.0A
SB310 GULFSEMI-SB310 Datasheet
138Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE: 100V CURRENT: 3.0A
SB310-B GULFSEMI-SB310-B Datasheet
139Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE: 100V CURRENT: 3.0A
SB320 GULFSEMI-SB320 Datasheet
98Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 20 TO 60V CURRENT: 3.0A
logo
Leshan Radio Company
SB320 LRC-SB320_11 Datasheet
285Kb / 7P
Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current 3.0A
SB320-E LRC-SB320-E Datasheet
210Kb / 7P
Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current 3.0A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com