Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBE813 Datasheet (PDF) - Sanyo Semicon Device

SBE813 Datasheet PDF - Sanyo Semicon Device
Part # SBE813
Download  SBE813 Download
File Size   40.95 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Low IR Schottky Barrier Diode 30V, 3.0A Rectifier

SBE813 Datasheet (PDF)

Go To PDF Page Download Datasheet
SBE813 Datasheet PDF - Sanyo Semicon Device

Part # SBE813
Download  SBE813 Click to download

File Size   40.95 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Low IR Schottky Barrier Diode 30V, 3.0A Rectifier

SBE813 Datasheet (HTML) - Sanyo Semicon Device


SBE813 Product details

30V, 3.0A Rectifier

Features
• Small switching noise
• Low leakage current and high reliability due to highly reliable planar structure
• Ultrasmall package permitting applied sets to be small and slim

Applications
• High frequency rectification (switching regulators, converters, choppers)




Similar Part No. - SBE813

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SBE813 ONSEMI-SBE813 Datasheet
345Kb / 6P
Schottky Barrier Diode
September, 2013
logo
Sanyo Semicon Device
SBE813-TL-E SANYO-SBE813-TL-E Datasheet
410Kb / 6P
30V, 3.0A Rectifier
logo
ON Semiconductor
SBE813-TL-E ONSEMI-SBE813-TL-E Datasheet
345Kb / 6P
Schottky Barrier Diode
September, 2013
logo
Sanyo Semicon Device
SBE813 SANYO-SBE813_12 Datasheet
410Kb / 6P
30V, 3.0A Rectifier
More results


Similar Description - SBE813

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB0503EC SANYO-SB0503EC Datasheet
51Kb / 3P
Low IR Schottky Barrier Diode 30V, 0.5A Rectifier
SB3003CH SANYO-SB3003CH Datasheet
43Kb / 3P
Low IR Schottky Barrier Diode Low IR Schottky Barrier Diode
SBS813 SANYO-SBS813 Datasheet
40Kb / 3P
Low VF Schottky Barrier Diode 30V, 3.0A Rectifier
SS3003CH SANYO-SS3003CH Datasheet
43Kb / 3P
Low VF Schottky Barrier Diode 30V, 3.0A Rectifier
logo
Fuji Electric
MS868C12 FUJI-MS868C12 Datasheet
625Kb / 5P
Low IR Schottky Barrier Diode
PG865C15R FUJI-PG865C15R Datasheet
567Kb / 5P
Low IR Schottky Barrier Diode
TS862C10R FUJI-TS862C10R Datasheet
145Kb / 3P
Low IR Schottky barrier diode
YA862C04R FUJI-YA862C04R Datasheet
134Kb / 3P
Low IR Schottky barrier diode
logo
ON Semiconductor
SB07-03C-TB-E ONSEMI-SB07-03C-TB-E Datasheet
321Kb / 6P
Schottky Barrier Diode 30V, 0.7A, Low IR, Single CP
September, 2013
SB1003M3-TL-E ONSEMI-SB1003M3-TL-E Datasheet
316Kb / 6P
Schottky Barrier Diode 30V, 1A, Low IR, Single MCPH3
September, 2013
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com