Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS3003CH Datasheet (PDF) - Sanyo Semicon Device

SS3003CH Datasheet PDF - Sanyo Semicon Device
Part # SS3003CH
Download  SS3003CH Download
File Size   43.76 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Low VF Schottky Barrier Diode 30V, 3.0A Rectifier

SS3003CH Datasheet (PDF)

Go To PDF Page Download Datasheet
SS3003CH Datasheet PDF - Sanyo Semicon Device

Part # SS3003CH
Download  SS3003CH Click to download

File Size   43.76 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Low VF Schottky Barrier Diode 30V, 3.0A Rectifier

SS3003CH Datasheet (HTML) - Sanyo Semicon Device


SS3003CH Product details

30V, 3.0A Rectifier

Features
• Small switching noise.
• Low forward voltage (IF=3A, VF max=0.42V).
• Ultrasmall package permitting applied sets to be small and slim.

Applications
• High frequency rectification (switching regulators, converters, choppers).




Similar Part No. - SS3003CH

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SS3003CH ONSEMI-SS3003CH Datasheet
743Kb / 4P
Schottky Barrier Diode
June, 2014
SS3003CH ONSEMI-SS3003CH Datasheet
150Kb / 5P
Shottky Barrier Diode, Low VF, Single CPH6 30 V, 3.0 A
September, 2023 - Rev. 3
SS3003CH-TL-E ONSEMI-SS3003CH-TL-E Datasheet
743Kb / 4P
Schottky Barrier Diode
June, 2014
SS3003CH-TL-E ONSEMI-SS3003CH-TL-E Datasheet
150Kb / 5P
Shottky Barrier Diode, Low VF, Single CPH6 30 V, 3.0 A
September, 2023 - Rev. 3
SS3003CH-TL-W ONSEMI-SS3003CH-TL-W Datasheet
743Kb / 4P
Schottky Barrier Diode
June, 2014
More results


Similar Description - SS3003CH

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B340LA DIODES-B340LA Datasheet
67Kb / 2P
3.0A LOW VF SCHOTTKY BARRIER RECTIFIER
DS30240 Rev. B-2
SB330L DIODES-SB330L Datasheet
54Kb / 2P
3.0A LOW VF SCHOTTKY BARRIER RECTIFIER
DS30219 Rev. C-2
B340LA DIODES-B340LA_1 Datasheet
459Kb / 3P
3.0A LOW VF SCHOTTKY BARRIER RECTIFIER
DS30240 Rev. 6 - 2
logo
Sanyo Semicon Device
SBE813 SANYO-SBE813 Datasheet
40Kb / 3P
Low IR Schottky Barrier Diode 30V, 3.0A Rectifier
SBS813 SANYO-SBS813 Datasheet
40Kb / 3P
Low VF Schottky Barrier Diode 30V, 3.0A Rectifier
SBS814 SANYO-SBS814 Datasheet
37Kb / 4P
Low VF Schottky Barrier Diode 30V, 1.0A Rectifier
SBS818 SANYO-SBS818 Datasheet
63Kb / 4P
Low VF Schottky Barrier Diode 30V, 2.0A Rectifier
logo
Diodes Incorporated
B340LA DIODES-B340LA_10 Datasheet
98Kb / 4P
3.0A LOW VF SCHOTTKY BARRIER RECTIFIER
Rev. 10 - 2 September 2010
B340LAB DIODES-B340LAB_15 Datasheet
98Kb / 4P
3.0A LOW VF SCHOTTKY BARRIER RECTIFIER
Rev 10
logo
Zibo Seno Electronic En...
SR330L ZSELEC-SR330L Datasheet
125Kb / 2P
3.0A LOW VF SCHOTTKY BARRIER DIODE
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com