Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS3003CH Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # SS3003CH
Description  Low VF Schottky Barrier Diode 30V, 3.0A Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SS3003CH Datasheet(HTML) 1 Page - Sanyo Semicon Device

  SS3003CH Datasheet HTML 1Page - Sanyo Semicon Device SS3003CH Datasheet HTML 2Page - Sanyo Semicon Device SS3003CH Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SS3003CH
No.8992-1/3
Applications
•
High frequency rectification (switching regulators, converters, choppers).
Features
•
Small switching noise.
•
Low forward voltage (IF=3A, VF max=0.42V).
•
Ultrasmall package permitting applied sets to be small and slim.
Specifications
Absolute Maximum Ratings at Ta=25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Repetitive Peak Reverse Voltage
VRRM
30
V
Nonrepetitive Peak Reverse Surge Voltage
VRSM
30
V
Average Output Current
IO
3.0
A
Surge Forward Current
IFSM
50Hz sine wave, 1 cycle
20
A
Junction Temperature
Tj
--55 to +125
°C
Storage Temperature
Tstg
--55 to +125
°C
Electrical Characteristics at Ta=25
°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Reverse Voltage
VR
IR=2.0mA
30
V
Forward Voltage
VF
IF=2.0A
0.335
0.385
V
IF=3.0A
0.37
0.42
V
Reverse Current
IR
VR=15V
1.4
mA
Interterminal Capacitance
C
VR=10V, f=1MHz
90
pF
Reverse Recovery Time
trr
IF=IR=100mA
20
ns
Thermal Resistance
Rth(j-a)
Mouted on a ceramic board (900mm2!0.8mm)
50
°C / W
Marking : SG
Ordering number : EN8992
72606 / 32406SB MS IM TB-00002130
SS3003CH
Low VF Schottky Barrier Diode
30V, 3.0A Rectifier
SANYO Semiconductors
DATA SHEET
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Any and all SANYO Semiconductor products described or contained herein do not have specifications
that can handle applications that require extremely high levels of reliability, such as life-support systems,
aircraft's control systems, or other applications whose failure can be reasonably expected to result in
serious physical and/or material damage. Consult with your SANYO Semiconductor representative
nearest you before usingany SANYO Semiconductor products described or contained herein in such
applications.
SANYO Semiconductor assumes no responsibility for equipment failures that result from using products
at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition
ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor
products described or contained herein.


Similar Part No. - SS3003CH

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SS3003CH ONSEMI-SS3003CH Datasheet
743Kb / 4P
Schottky Barrier Diode
June, 2014
SS3003CH ONSEMI-SS3003CH Datasheet
150Kb / 5P
Shottky Barrier Diode, Low VF, Single CPH6 30 V, 3.0 A
September, 2023 - Rev. 3
SS3003CH-TL-E ONSEMI-SS3003CH-TL-E Datasheet
743Kb / 4P
Schottky Barrier Diode
June, 2014
SS3003CH-TL-E ONSEMI-SS3003CH-TL-E Datasheet
150Kb / 5P
Shottky Barrier Diode, Low VF, Single CPH6 30 V, 3.0 A
September, 2023 - Rev. 3
SS3003CH-TL-W ONSEMI-SS3003CH-TL-W Datasheet
743Kb / 4P
Schottky Barrier Diode
June, 2014
More results

Similar Description - SS3003CH

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B340LA DIODES-B340LA Datasheet
67Kb / 2P
3.0A LOW VF SCHOTTKY BARRIER RECTIFIER
DS30240 Rev. B-2
SB330L DIODES-SB330L Datasheet
54Kb / 2P
3.0A LOW VF SCHOTTKY BARRIER RECTIFIER
DS30219 Rev. C-2
B340LA DIODES-B340LA_1 Datasheet
459Kb / 3P
3.0A LOW VF SCHOTTKY BARRIER RECTIFIER
DS30240 Rev. 6 - 2
logo
Sanyo Semicon Device
SBE813 SANYO-SBE813 Datasheet
40Kb / 3P
Low IR Schottky Barrier Diode 30V, 3.0A Rectifier
SBS813 SANYO-SBS813 Datasheet
40Kb / 3P
Low VF Schottky Barrier Diode 30V, 3.0A Rectifier
SBS814 SANYO-SBS814 Datasheet
37Kb / 4P
Low VF Schottky Barrier Diode 30V, 1.0A Rectifier
SBS818 SANYO-SBS818 Datasheet
63Kb / 4P
Low VF Schottky Barrier Diode 30V, 2.0A Rectifier
logo
Diodes Incorporated
B340LA DIODES-B340LA_10 Datasheet
98Kb / 4P
3.0A LOW VF SCHOTTKY BARRIER RECTIFIER
Rev. 10 - 2 September 2010
B340LAB DIODES-B340LAB_15 Datasheet
98Kb / 4P
3.0A LOW VF SCHOTTKY BARRIER RECTIFIER
Rev 10
logo
Zibo Seno Electronic En...
SR330L ZSELEC-SR330L Datasheet
125Kb / 2P
3.0A LOW VF SCHOTTKY BARRIER DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com