Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS3003CH Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # SS3003CH
Description  Low VF Schottky Barrier Diode 30V, 3.0A Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SS3003CH Datasheet(HTML) 2 Page - Sanyo Semicon Device

  SS3003CH Datasheet HTML 1Page - Sanyo Semicon Device SS3003CH Datasheet HTML 2Page - Sanyo Semicon Device SS3003CH Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SS3003CH
No.8992-2/3
Package Dimensions
Electrical Connection
unit : mm
7018-012
trr Test Circuit
0
0.1
0.2
IT09872
0.01
2
3
5
7
2
3
5
7
2
3
5
7
0.1
1.0
10
0.6
0.3
0.4
0.5
(2)
(3)
(1)
0
0
0.5
1.8
1.6
1.4
0.2
0.4
0.6
0.8
1.0
1.2
3.5
2.5
3.0
2.0
1.0
1.5
IT09874
(4)
Forward Voltage, VF -- V
IF -- VF
Average Output Current, IO -- A
PF(AV) -- IO
(1)Rectangular wave
θ=60°
(2)Rectangular wave
θ=120°
(3)Rectangular wave
θ=180°
(4)Sine wave
θ=180°
180
°
360
°
Sine wave
θ
360
°
Rectangular
wave
0
0
0.004
0.008
0.012
10
5
0.016
0.002
0.006
0.010
0.014
20
15
30
25
35
IT10607
(1)
(2)
(3)
(4)
10
0
35
IT09873
0.1
1.0
10
100
1k
10k
100k
1000k
20
15
525
30
Ta=125°C
100°C
75°C
50°C
25°C
0
°C
--25°C
Reverse Voltage, VR -- V
IR -- VR
PR(AV) -- VR
Average Reverse Voltage, VR -- V
(1)Rectangular wave
θ=300°
(2)Rectangular wave
θ=240°
(3)Rectangular wave
θ=180°
(4)Sine wave
θ=180°
Rectangular
wave
Sine wave
θ
360
°
VR
180
°
360
°
VR
2.9
0.95
0.05
13
4
65
2
0.4
0.15
1 : Cathode
2 : Cathode
3 : No contact
4 : Anode
5 : Cathode
6 : Cathode
SANYO : CPH6
1 : Cathode
2 : Cathode
3 : No Contact
4 : Anode
5 : Cathode
6 : Cathode
Top view
2
65
4
13
Duty
≤10%
50
100
10
--5V
trr
10
µs



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com