Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B340LA Datasheet (PDF) - Diodes Incorporated

B340LA Datasheet PDF - Diodes Incorporated
Part # B340LA_10
Download  B340LA Download
File Size   98.96 Kbytes
Page   4 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 3.0A LOW VF SCHOTTKY BARRIER RECTIFIER

B340LA Datasheet (PDF)

Go To PDF Page Download Datasheet
B340LA Datasheet PDF - Diodes Incorporated

Part # B340LA_10
Download  B340LA Click to download

File Size   98.96 Kbytes
Page   4 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 3.0A LOW VF SCHOTTKY BARRIER RECTIFIER

B340LA Datasheet (HTML) - Diodes Incorporated


B340LA Product details

Features
• Very Low Forward Voltage Drop
• Guard Ring Die Construction for Transient Protection
• Ideally Suited for Automated Assembly
• Low Power Loss, High Efficiency
• Surge Overload Rating to 70A Peak
• Lead Free Finish, RoHS Compliant (Note 1)
• Green Molding Compound (No Halogen and Antimony)
(Note 2)




Similar Part No. - B340LA_10

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B340LA-13-F DIODES-B340LA-13-F Datasheet
459Kb / 3P
3.0A LOW VF SCHOTTKY BARRIER RECTIFIER
DS30240 Rev. 6 - 2
B340LA-13-F DIODES-B340LA-13-F Datasheet
98Kb / 4P
Very Low Forward Voltage Drop
Rev 10
B340LA-13-F DIODES-B340LA-13-F Datasheet
98Kb / 4P
3.0A LOW VF SCHOTTKY BARRIER RECTIFIER
Rev 10
B340LA DIODES-B340LA_1 Datasheet
459Kb / 3P
3.0A LOW VF SCHOTTKY BARRIER RECTIFIER
DS30240 Rev. 6 - 2
More results


Similar Description - B340LA_10

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SL32 WTE-SL32 Datasheet
40Kb / 3P
3.0A LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
B340LA DIODES-B340LA Datasheet
67Kb / 2P
3.0A LOW VF SCHOTTKY BARRIER RECTIFIER
DS30240 Rev. B-2
SB330L DIODES-SB330L Datasheet
54Kb / 2P
3.0A LOW VF SCHOTTKY BARRIER RECTIFIER
DS30219 Rev. C-2
B340LA DIODES-B340LA_1 Datasheet
459Kb / 3P
3.0A LOW VF SCHOTTKY BARRIER RECTIFIER
DS30240 Rev. 6 - 2
logo
Sanyo Semicon Device
SBS813 SANYO-SBS813 Datasheet
40Kb / 3P
Low VF Schottky Barrier Diode 30V, 3.0A Rectifier
SS3003CH SANYO-SS3003CH Datasheet
43Kb / 3P
Low VF Schottky Barrier Diode 30V, 3.0A Rectifier
logo
Diodes Incorporated
B340LAB DIODES-B340LAB_15 Datasheet
98Kb / 4P
3.0A LOW VF SCHOTTKY BARRIER RECTIFIER
Rev 10
logo
Zibo Seno Electronic En...
SR330L ZSELEC-SR330L Datasheet
125Kb / 2P
3.0A LOW VF SCHOTTKY BARRIER DIODE
logo
PACELEADER INDUSTRIAL
SL32-AL PACELEADER-SL32-AL Datasheet
594Kb / 4P
3.0A LOW VF SCHOTTKY BARRIER
SL32-BL PACELEADER-SL32-BL Datasheet
602Kb / 4P
3.0A LOW VF SCHOTTKY BARRIER RECTIFIERS-20V-40V
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com