Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBT80-06LS Datasheet (PDF) - Sanyo Semicon Device

SBT80-06LS Datasheet PDF - Sanyo Semicon Device
Part # SBT80-06LS
Download  SBT80-06LS Download
File Size   42.41 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 60V, 8A Rectifier

SBT80-06LS Datasheet (PDF)

Go To PDF Page Download Datasheet
SBT80-06LS Datasheet PDF - Sanyo Semicon Device

Part # SBT80-06LS
Download  SBT80-06LS Click to download

File Size   42.41 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 60V, 8A Rectifier

SBT80-06LS Datasheet (HTML) - Sanyo Semicon Device


SBT80-06LS Product details

60V, 8A Rectifier

Features
• Guaranteed up to Tj=150°C.
• Low forward voltage (VF max=0.58V).
• Short reverse recovery time.
• Low switching noise.
• High reliability due to highly reliable planar structure.
• Attachment workability is good by Mica-less package.

Applications
• High frequency rectification (switching regulators, converters, choppers).




Similar Part No. - SBT80-06LS

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SBT80-06GS SANYO-SBT80-06GS Datasheet
237Kb / 3P
60V, 8A Rectifi er
SBT80-06J SANYO-SBT80-06J Datasheet
39Kb / 3P
Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 60V, 8A Rectifier
SBT80-06JS SANYO-SBT80-06JS Datasheet
248Kb / 3P
60V, 8A Rectifi er
More results


Similar Description - SBT80-06LS

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SBJ200-06J SANYO-SBJ200-06J Datasheet
36Kb / 3P
Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 60V, 20A Rectifier
SBT80-04J SANYO-SBT80-04J Datasheet
38Kb / 3P
Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 40V, 8A Rectifier
SBT80-04Y SANYO-SBT80-04Y Datasheet
35Kb / 3P
Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 40V, 8A Rectifier
SBT80-06J SANYO-SBT80-06J Datasheet
39Kb / 3P
Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 60V, 8A Rectifier
SBT80-10J SANYO-SBT80-10J Datasheet
38Kb / 3P
Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 100V, 8A Rectifier
SBT80-10JS SANYO-SBT80-10JS Datasheet
40Kb / 3P
Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 100V, 8A Rectifier
SBT80-10LS SANYO-SBT80-10LS Datasheet
41Kb / 3P
Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 100V, 8A Rectifier
SBT80-10Y SANYO-SBT80-10Y Datasheet
35Kb / 3P
Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 100V, 8A Rectifier
SBT150-06J SANYO-SBT150-06J Datasheet
35Kb / 3P
Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 60V, 15A Rectifier
SBT350-06L SANYO-SBT350-06L Datasheet
35Kb / 3P
Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 60V, 35A Rectifier
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com